Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT953 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT953
Description  SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
140
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
5.0
A
Power Dissipation
PD
3.0
W (Note 1)
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
41.7
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=100V
50
nA
ICER
VCE=100V, RBE ≤ 1kΩ
50
nA
ICBO
VCB=100V, TA=100°C
1.0
μA
IEBO
VEB=6.0V
10
nA
BVCBO
IC=100μA
140
170
V
BVCER
IC=10mA, RBE ≤ 1kΩ
140
150
V
BVCEO
IC=10mA
100
120
V
BVEBO
IE=100μA
6.0
9.0
V
VCE(SAT)
IC=100mA, IB=10mA
20
50
mV
VCE(SAT)
IC=1.0A, IB=100mA
90
120
mV
VCE(SAT)
IC=2.0A, IB=200mA
170
220
mV
VCE(SAT)
IC=4.0A, IB=400mA
320
420
mV
VBE(SAT)
IC=4.0A, IB=400mA
1.0
1.2
V
CZT953
SURFACE MOUNT
HIGH CURRENT
SILICON PNP TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R2 (30-January 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT953 type
is
a
high
current
PNP
silicon
transistor
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for high voltage and high current
amplifier applications.
MARKING CODE: FULL PART NUMBER
NPN complement: CZT853
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 4in2 (minimum)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreON Semiconductor
BCP69T1MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 Motorola, Inc
BCP53T1MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 ON Semiconductor
MMBT589LT1High Current Surface Mount PNP Silicon Switching Transistor 1 2 3 4 5 MoreMotorola, Inc
CXT953SURFACE MOUNT HIGH CURRENT SILICON PNP TRANSISTOR 1 2 Central Semiconductor Corp
PZT751T1SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
CZT751SURFACE MOUNT PNP HIGH CURRENT SILICON TRANSISTOR 1 2 Central Semiconductor Corp
NSS35200CF8T1GHigh Current Surface Mount PNP Silicon Low VCE-SAT Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor
NSL12AWHigh Current Surface Mount PNP Silicon Low VCE sat Transistor for Battery Operated Applications 1 2 3 4 ON Semiconductor
MBT35200MT1High Current Surface Mount PNP Silicon Switching Transistor for Load Management in Portable Applications 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl