Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT853 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CZT853
Description  SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 2 page
background image
Central
Semiconductor Corp.
TM
SOT-223 CASE - MECHANICAL OUTLINE
CZT853
SURFACE MOUNT
HIGH CURRENT
SILICON NPN TRANSISTOR
R1 (30-January 2006)
LEAD CODE:
1) BASE
2) COLLECTOR
3) EMITTER
4) COLLECTOR
MARKING CODE:
FULL PART NUMBER
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hFE
VCE=2.0V, IC=10mA
100
hFE
VCE=2.0V, IC=2.0A
100
200
300
hFE
VCE=2.0V, IC=4.0A
50
100
hFE
VCE=2.0V, IC=10A
20
30
fT
VCE=10V, IC=100mA, f=50MHz
190
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
38
pF




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP56T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
CMLM7405MULTI DISCRETE MODULE™ SURFACE MOUNT HIGH CURRENT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 1 2 Central Semiconductor Corp
BCP68T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
PZT651T1HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMLT5551HCSURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
BCP68T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMPT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CXT853SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CZTA44HCSURFACE MOUNT NPN SILICON HIGH CURRENT HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl