Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT651 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT651
Description  SURFACE MOUNT NPN HIGH CURRENT SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT651 type
is a NPN Silicon Transistor manufactured by the
epitaxial planar process, epoxy molded in a sur-
face mount package, designed for high current
applications
MARKING CODE: FULL PART NUMBER
MAXIMUM RATINGS: (TA=25°C)
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
2.0
A
Power Dissipation
PD
2.0
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=80V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=1.0A, IB=100mA
0.3
V
VCE(SAT)
IC=2.0A, IB=200mA
0.5
V
VBE(SAT)
IC=1.0A, IB=100mA
1.2
V
VBE(ON)
VCE=2.0V, IC=1.0A
1.0
V
hFE
VCE=2.0V, IC=50mA
75
hFE
VCE=2.0V, IC=500mA
75
hFE
VCE=2.0V, IC=1.0A
75
hFE
VCE=2.0V, IC=2.0A
40
fT
VCE=5.0V, IC=50mA, f=100MHz
75
MHz
CZT651
SURFACE MOUNT
NPN HIGH CURRENT
SILICON TRANSISTOR
SOT-223 CASE
Central
Semiconductor Corp.
TM
R3 (17-June 2004)




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BCP56T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
CMLM7405MULTI DISCRETE MODULE™ SURFACE MOUNT HIGH CURRENT LOW VCE SAT SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 1 2 Central Semiconductor Corp
BCP68T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreMotorola, Inc
PZT651T1HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMLT5551HCSURFACE MOUNT PICOmini HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
BCP68T1MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT 1 2 3 4 5 MoreON Semiconductor
CMPT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CXT853SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp
CZTA44HCSURFACE MOUNT NPN SILICON HIGH CURRENT HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT5551HCSURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR 1 2 Central Semiconductor Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl