Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZSH10-40CN Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZSH10-40CN
Description  SURFACE MOUNT DUAL, COMMON CATHODE SILICON SCHOTTKY POWER RECTIFIER 10 AMP, 40 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CZSH10-40CN Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current (TA=75°C)
IO
10
A
Peak Forward Surge Current (8.3ms)
IFSM
125
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=40V
3.0
mA
IR
VR=40V, TA=100°C
20
mA
VF
IF=5.0A
0.55
V
*VF
IF=10A
0.60
V
* With pin 1 and pin 3 connected together.
CZSH10-40CN
SURFACE MOUNT
DUAL, COMMON CATHODE
SILICON
SCHOTTKY POWER RECTIFIER
10 AMP, 40 VOLTS
SOT-223C CASE
Central
Semiconductor Corp.
TM
R1 (22-July 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZSH10-40CN
ia a dual common cathode 10 Amp surface mount
silicon Schottky rectifier package in a SOT-223C
case. The new SOT-223C case has a cut center lead
for optional mounting pad connection of the two
anodes for use as a single 10 Amp device. This
device has been designed for use in all types of
commercial, industrial, entertainment, computer and
automotive applications, which require a high current
device.
MARKING CODE: FULL PART NUMBER


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn