Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZSH5-40 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZSH5-40
Description  SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CZSH5-40 Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
DC Blocking Voltage
VR
40
V
RMS Reverse Voltage
VR(RMS)
28
V
Average Forward Current (TA=75°C)
IO
5.0
A
Peak Forward Surge Current (8.3ms)
IFSM
125
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=40V
3.0
mA
IR
VR=40V, TA=100°C
20
mA
VF
IF=5.0A
0.55
V
CZSH5-40
SURFACE MOUNT
SILICON
SCHOTTKY BARRIER RECTIFIER
5.0 AMP, 40 VOLTS
SOT-223 CASE
Central
Semiconductor Corp.
TM
R3 (17-June 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 5.0 Amp,
SOT-223 surface mount Silicon Schottky
Rectifier, is designed for use in all types of
commercial, industrial, entertainment, computer
and automotive applications, which require a high
current device.
MARKING CODE: FULL PART NUMBER


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn