Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZ5333B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CZ5333B
Description  5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZ5333B Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CZ5333B Datasheet HTML 1Page - Central Semiconductor Corp CZ5333B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CZ5333B THRU CZ5388B
5.0W SILICON ZENER DIODE
3.3 VOLTS THRU 200 VOLTS
5% TOLERANCE
R5 (6-December 2005)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX
SURGE
CURRENT
(NOTE 1)
MAX
VOLTAGE
REGULATION
(NOTE 2)
MAX
REGULATOR
CURRENT
MIN
NOM
MAX
IZT
ZZT@ IZT
ZZT @ IZK
IR @ VR
ir
ΔΔVZ
IZM
V
V
V
mA
Ω
Ω
Ω
Ω
mA
µA
V
A
V
mA
CZ5361B
25.65
27
28.35
50
5.0
120
1.0
0.5
20.6
4.1
0.60
176
CZ5362B
26.60
28
29.40
50
6.0
130
1.0
0.5
21.2
3.9
0.60
170
CZ5363B
28.50
30
31.50
40
8.0
140
1.0
0.5
22.8
3.7
0.60
158
CZ5364B
31.35
33
34.65
40
10
150
1.0
0.5
25.1
3.5
0.65
144
CZ5365B
34.20
36
37.80
30
11
160
1.0
0.5
27.4
3.3
0.65
132
CZ5366B
37.05
39
40.95
30
14
170
1.0
0.5
29.7
3.1
0.65
122
CZ5367B
40.85
43
45.15
30
20
190
1.0
0.5
32.7
2.8
0.70
110
CZ5368B
44.65
47
49.35
25
25
210
1.0
0.5
35.8
2.7
0.80
100
CZ5369B
48.45
51
53.55
25
27
230
1.0
0.5
38.8
2.5
0.90
93.0
CZ5370B
53.20
56
58.80
20
35
280
1.0
0.5
42.6
2.3
1.00
86.0
CZ5371B
57.00
60
63.00
20
40
350
1.0
0.5
45.5
2.2
1.20
79.0
CZ5372B
58.90
62
65.10
20
42
400
1.0
0.5
47.1
2.1
1.35
76.0
CZ5373B
64.60
68
71.40
20
44
500
1.0
0.5
51.7
2.0
1.50
70.0
CZ5374B
71.25
75
78.75
20
45
620
1.0
0.5
56.0
1.9
1.60
63.0
CZ5375B
77.90
82
86.10
15
65
720
1.0
0.5
62.2
1.8
1.80
58.0
CZ5376B
82.65
87
91.35
15
75
760
1.0
0.5
66.0
1.7
2.00
54.5
CZ5377B
86.45
91
95.55
15
75
760
1.0
0.5
69.2
1.6
2.20
52.5
CZ5378B
95.00
100
105.0
12
90
800
1.0
0.5
76.0
1.5
2.50
47.5
CZ5379B
104.5
110
115.5
12
125
1000
1.0
0.5
83.6
1.4
2.50
43.0
CZ5380B
114.0
120
126.0
10
170
1150
1.0
0.5
91.2
1.3
2.50
39.5
CZ5381B
123.5
130
136.5
10
190
1250
1.0
0.5
98.8
1.2
2.50
36.6
CZ5382B
133.0
140
147.0
8.0
230
1500
1.0
0.5
106
1.2
2.50
34.0
CZ5383B
142.5
150
157.5
8.0
330
1500
1.0
0.5
114
1.1
3.00
31.6
CZ5384B
152.0
160
168.0
8.0
350
1650
1.0
0.5
122
1.1
3.00
29.4
CZ5385B
161.5
170
178.5
8.0
380
1750
1.0
0.5
129
1.0
3.00
28.0
CZ5386B
171.0
180
189.0
5.0
430
1750
1.0
0.5
137
1.0
4.00
26.4
CZ5387B
180.5
190
199.5
5.0
450
1850
1.0
0.5
144
0.9
5.00
25.0
CZ5388B
190.0
200
210.0
5.0
480
1850
1.0
0.5
152
0.9
5.00
23.6
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
DO-201 CASE - MECHANICAL OUTLINE
Note 1. Surge Current (ir) - Maximum allowable peak, non recurrent square wave current (PW=8.3ms).
Note 2. Voltage Regulation (
ΔVZ) - VZ Measurements are made at 10% and then at 50% of the IZ max value listed in the
electrical characteristics table. The test current time duration for each VZ measurement is 380us (TA=25
oC)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn