Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CZ5333B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZ5333B
Description  5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CZ5333B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CZ5333B Datasheet HTML 1Page - Central Semiconductor Corp CZ5333B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C )
SYMBOL
UNITS
Power Dissipation
PD
5.0
W
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.2V MAX @ IF=1.0A FOR ALL TYPES.
CZ5333B THRU CZ5388B
5.0W SILICON ZENER DIODE
3.3 VOLTS THRU 200 VOLTS
5% TOLERANCE
DO-201 CASE
Central
Semiconductor Corp.
TM
R5 (6-December 2005)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZ5333B
Series Silicon Zener Diode is a high quality
voltage regulator designed for use in industrial,
commercial, entertainment and computer
applications.
MARKING CODE: FULL PART NUMBER
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX
SURGE
CURRENT
(NOTE 1)
MAX
VOLTAGE
REGULATION
(NOTE 2)
MAX
REGULATOR
CURRENT
MIN
NOM
MAX
IZT
ZZT@IZT
ZZT @ IZK
IR @ VR
ir
ΔΔVZ
IZM
V
V
V
mA
Ω
Ω
Ω
Ω
mA
µA
V
A
V
mA
CZ5333B
3.135
3.3
3.465
380
3.0
400
1.0
300
1.0
20
0.85
1440
CZ5334B
3.420
3.6
3.780
350
2.5
500
1.0
150
1.0
18.7
0.80
1320
CZ5335B
3.705
3.9
4.095
320
2.0
500
1.0
50
1.0
17.6
0.54
1220
CZ5336B
4.085
4.3
4.515
290
2.0
500
1.0
10
1.0
16.4
0.49
1100
CZ5337B
4.465
4.7
4.935
260
2.0
450
1.0
10
1.0
15.3
0.44
1010
CZ5338B
4.845
5.1
5.355
240
1.5
400
1.0
10
1.0
14.4
0.39
930
CZ5339B
5.320
5.6
5.880
220
1.0
400
1.0
10
2.0
13.4
0.25
865
CZ5340B
5.700
6.0
6.300
200
1.0
300
1.0
10
3.0
12.7
0.25
790
CZ5341B
5.890
6.2
6.510
200
1.0
200
1.0
10
3.0
12.4
0.25
765
CZ5342B
6.460
6.8
7.140
175
1.0
200
1.0
100
5.2
11.5
0.25
700
CZ5343B
7.125
7.5
7.875
175
1.5
200
1.0
100
5.7
10.7
0.25
630
CZ5344B
7.790
8.2
8.610
150
1.5
200
1.0
100
6.2
10.0
0.20
580
CZ5345B
8.265
8.7
9.135
150
2.0
200
1.0
100
6.6
7.5
0.20
545
CZ5346B
8.645
9.1
9.555
150
2.0
150
1.0
7.5
6.9
9.2
0.22
520
CZ5347B
9.500
10
10.50
125
2.0
125
1.0
5.0
7.6
8.6
0.22
475
CZ5348B
10.45
11
11.55
125
2.5
125
1.0
5.0
8.4
8.0
0.25
430
CZ5349B
11.40
12
12.60
100
2.5
125
1.0
2.0
9.1
7.5
0.25
395
CZ5350B
12.35
13
13.65
100
2.5
100
1.0
1.0
9.9
7.0
0.25
365
CZ5351B
13.30
14
14.70
100
2.5
75
1.0
1.0
10.6
6.7
0.25
340
CZ5352B
14.25
15
15.75
75
2.5
75
1.0
1.0
11.5
6.3
0.25
315
CZ5353B
15.20
16
16.80
75
2.5
75
1.0
1.0
12.2
6.0
0.30
295
CZ5354B
16.15
17
17.85
70
2.5
75
1.0
0.5
12.9
5.8
0.35
280
CZ5355B
17.10
18
18.90
65
2.5
75
1.0
0.5
13.7
5.5
0.40
264
CZ5356B
18.05
19
19.95
65
3.0
75
1.0
0.5
14.4
5.3
0.40
250
CZ5357B
19.00
20
21.00
65
3.0
75
1.0
0.5
15.2
5.1
0.40
237
CZ5358B
20.90
22
23.10
50
3.5
75
1.0
0.5
16.7
4.7
0.45
216
CZ5359B
22.80
24
25.20
50
3.5
100
1.0
0.5
18.2
4.4
0.55
198
CZ5360B
23.75
25
26.25
50
4.0
110
1.0
0.5
19.0
4.3
0.55
190


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn