Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CXT491E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CXT491E
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CXT491E Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CXT491E
type is an NPN silicon transistor manufactured by
the epitaxial planar process, epoxy molded in a
surface mount package, designed for high
current, general purpose amplifier applications.
Marking Code: Full Part Number
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
1.0
A
Base Current
IB
200
mA
Collector Current (Peak)
ICM
2.0
A
Power Dissipation
PD
1.2
W
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
104
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=60V
100
nA
IEBO
VEB=4.0V
100
nA
BVCBO
IC=100µA
80
V
BVCEO
IC=10mA
60
V
BVEBO
IE=100µA
5.0
V
VCE(SAT)
IC=500mA, IB=50mA
0.20
V
VCE(SAT)
IC=1.0A, IB=100mA
0.40
V
VBE(SAT)
IC=1.0A, IB=100mA
1.1
V
VBE(ON)
VCE=5.0V, IC=1.0A
1.0
V
hFE
VCE=5.0V, IC=1.0mA
200
hFE
VCE=5.0V, IC=500mA
200
600
hFE
VCE=5.0V, IC=1.0A
50
hFE
VCE=5.0V, IC=2.0A
15
fT
VCE=10V, IC=50mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
10
pF
CXT491E
SURFACE MOUNT
NPN SILICON TRANSISTOR
SOT-89 CASE
Central
Semiconductor Corp.
TM
R1 (20-May 2004)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn