Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1PS76SB62 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 1PS76SB62
Description  Schottky barrier diode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

1PS76SB62 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Feb 16
3
Philips Semiconductors
Product specification
Schottky barrier diode
1PS76SB62
GRAPHICAL DATA
handbook, halfpage
2
0
(1)
(2)
VF (V)
IF
(mA)
0.4
0.8
1.2
1.6
10
1
10−1
10−2
MLD553
(3)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
40
20
10
0
(1)
(2)
(3)
VR (V)
IR
(nA)
30
MLD554
104
103
102
10
1
10−2
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
0
VR (V)
Cd
(pF)
10
20
40
0.40
0.20
0.36
30
0.32
0.28
0.24
MLD555
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn