Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PS76SB10 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 1PS76SB10
Description  Schottky barrier diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS76SB10 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS76SB10 Datasheet HTML 1Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 2Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 3Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 4Page - NXP Semiconductors 1PS76SB10 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Oct 14
3
Philips Semiconductors
Product specification
Schottky barrier diode
1PS76SB10
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulsed test: tp = 300 µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD323 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.2
IF = 0.1 mA
240
mV
IF = 1mA
320
mV
IF =10mA
400
mV
IF =30mA
500
mV
IF = 100 mA
800
mV
IR
reverse current
VR = 25 V; note 1; see Fig.3
2
µA
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.4
10
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
450
K/W


Similar Part No. - 1PS76SB10

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1PS76SB10 KEXIN-1PS76SB10 Datasheet
34Kb / 1P
   Schottky barrier diode
logo
List of Unclassifed Man...
1PS76SB10 ETC2-1PS76SB10 Datasheet
39Kb / 4P
   Schottky barrier diode
logo
Nexperia B.V. All right...
1PS76SB10 NEXPERIA-1PS76SB10 Datasheet
196Kb / 10P
   Schottky barrier diode
1 July 2022
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
List of Unclassifed Man...
1PS76SB10TR ETC2-1PS76SB10TR Datasheet
39Kb / 4P
   Schottky barrier diode
More results

Similar Description - 1PS76SB10

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com