Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CQ202-4M-2 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CQ202-4M-2
Description  4.0 AMP TRIAC 200 THRU 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CQ202-4M-2 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CQ202-4M-2 Datasheet HTML 1Page - Central Semiconductor Corp CQ202-4M-2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CQ202-4B-2
CQ202-4D-2
CQ202-4M-2
CQ202-4N-2
4.0 AMP TRIAC
200 THRU 800 VOLTS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CQ202-4B-2
series type is an epoxy molded silicon triac designed
for full wave AC control applications featuring gate
triggering in all four (4) quadrants.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS: (TC=25°C unless otherwise noted)
CQ202
CQ202
CQ202
CQ202
SYMBOL
-4B-2
-4D-2
-4M-2
-4N-2
UNITS
Peak Repetitive Off-State Voltage
VDRM
200
400
600
800
V
RMS On-State Current (TC=80°C)
IT(RMS)
4.0
A
Peak Non-Repetitive Surge Current (t=8.3ms) ITSM
40
A
Peak Non-Repetitive Surge Current (t=10ms)
ITSM
35
A
I2t Value for Fusing (t=10ms)
I2t
6.0
A2s
Peak Gate Power (tp=10μs)
PGM
3.0
W
Average Gate Power Dissipation
PG(AV)
0.2
W
Peak Gate Current (tp=10μs)
IGM
1.2
A
Storage Temperature
Tstg
-40 to +150
°C
Junction Temperature
TJ
-40 to +125
°C
Thermal Resistance
ΘJA
60
°C/W
Thermal Resistance
ΘJC
7.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IDRM
Rated VDRM, RGK=1.0KΩ
10
μA
IDRM
Rated VDRM, RGK=1.0KΩ, TC=125°C
200
μA
IGT
VD=12V, QUAD I, II, III
6.6
20
mA
IGT
VD=12V, QUAD IV
35
50
mA
IH
RGK=1.0KΩ
5.2
25
mA
VGT
VD=12V, QUAD I, II, III
1.1
1.5
V
VGT
VD=12V, QUAD IV
2.0
2.5
V
VTM
ITM=6.0A, tp=380μs
1.25
1.6
V
dv/dt
VD=VDRM, TC=125°C
5.0
V/μs
TO-202-2 CASE
R2 (23-April 2012)
www.centr a lsemi.com


Similar Part No. - CQ202-4M-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ202-4M-2 CENTRAL-CQ202-4M-2 Datasheet
73Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQ202-4M-2 CENTRAL-CQ202-4M-2 Datasheet
414Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
More results

Similar Description - CQ202-4M-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
426Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
35Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ39BS CENTRAL-CQ39BS Datasheet
79Kb / 2P
   TRIAC 4.0 AMP, 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
36Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS CENTRAL-CQ202-4BS Datasheet
36Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4BS-2 CENTRAL-CQ202-4BS-2 Datasheet
414Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B CENTRAL-CQ202-4B Datasheet
426Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4B-2 CENTRAL-CQ202-4B-2 Datasheet
414Kb / 2P
   4.0 AMP TRIAC 200 THRU 800 VOLTS
CQ202-4M-2 CENTRAL-CQ202-4M-2 Datasheet
73Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
CQD-4M CENTRAL-CQD-4M Datasheet
75Kb / 2P
   4.0 AMP TRIAC 600 THRU 800 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com