Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CPZ18 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CPZ18
Description  Zener Diode 0.5 Watt Zener Diode Chip
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CPZ18 Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
PROCESS
CPZ18
Zener Diode
0.5 Watt Zener Diode Chip
PRINCIPAL DEVICE TYPES
CMPZ5221B
THRU
CMPZ5234B
Process
EPITAXIAL PLANAR
Die Size
14 X 14 MILS
Die Thickness
7.5 MILS
Anode Bonding Pad Area
9.5 X 9.5 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 14,000Å
PROCESS DETAILS
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GEOMETRY
BACKSIDE CATHODE
R2 (1-August 2002)
GROSS DIE PER 4 INCH WAFER
61,141


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPZ19Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
BZV55C2V4SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT 2.4 THRU 75 VOLTS ± 5ANCE 1 2 Central Semiconductor Corp
NTE5111AZener Diode 5 Watt ±5% Tolerance 1 2 3 NTE Electronics
NTE5174AZener Diode 10 Watt ±5% Tolerance 1 2 3 4 NTE Electronics
CMZ5921BSURFACE MOUNT SILICON ZENER DIODE 1.5 WATT 6.8 THRU 200 VOLTS ± 5% TOLERANCE 1 2 Central Semiconductor Corp
LWH1026LED Chip Zener Diode 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BZX2C3V62 Watt Zener Diode 3.6 to 200 Volts 1 2 Micro Commercial Components
SMBJ5913Silicon Zener Diode 3.0 Watt 1 2 Micro Commercial Components
1N3821A1 WATT ZENER DIODE 1 2 Compensated Deuices Incorporated
1N47281.0 Watt Zener Diode 3.3 to 100 Volts 1 2 3 Micro Commercial Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn