Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP10843.3VA Datasheet(PDF) 10 Page - Ceramate Technical

Part # CP10843.3VA
Description  5A Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10843.3VA Datasheet(HTML) 10 Page - Ceramate Technical

Back Button CP10843.3VA Datasheet HTML 3Page - Ceramate Technical CP10843.3VA Datasheet HTML 4Page - Ceramate Technical CP10843.3VA Datasheet HTML 5Page - Ceramate Technical CP10843.3VA Datasheet HTML 6Page - Ceramate Technical CP10843.3VA Datasheet HTML 7Page - Ceramate Technical CP10843.3VA Datasheet HTML 8Page - Ceramate Technical CP10843.3VA Datasheet HTML 9Page - Ceramate Technical CP10843.3VA Datasheet HTML 10Page - Ceramate Technical CP10843.3VA Datasheet HTML 11Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 10 of 11
Rev 1.0 Jul.6, 2004
Mechanical Dimensions (Continued)
Unit: mm
TO-263-2L
8.84
10.16+0.13
-0.51
2.54
0.81+0.18
-0.30
1.27±0.12
2.54
70°
0.06±0.04
2.67±0.03
0.38±0.02
0.38
±3°
3°3°
1.27±0.12
7.42
7.98
2.54
2.54
±


Similar Part No. - CP10843.3VA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP108 CENTRAL-CP108 Datasheet
214Kb / 2P
   Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP10843.3VA

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_15 Datasheet
68Kb / 1P
   5A Low-Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_07 Datasheet
342Kb / 9P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_07 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com