Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP10841.8VA Datasheet(PDF) 7 Page - Ceramate Technical

Part # CP10841.8VA
Description  5A Dropout Linear Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10841.8VA Datasheet(HTML) 7 Page - Ceramate Technical

Back Button CP10841.8VA Datasheet HTML 3Page - Ceramate Technical CP10841.8VA Datasheet HTML 4Page - Ceramate Technical CP10841.8VA Datasheet HTML 5Page - Ceramate Technical CP10841.8VA Datasheet HTML 6Page - Ceramate Technical CP10841.8VA Datasheet HTML 7Page - Ceramate Technical CP10841.8VA Datasheet HTML 8Page - Ceramate Technical CP10841.8VA Datasheet HTML 9Page - Ceramate Technical CP10841.8VA Datasheet HTML 10Page - Ceramate Technical CP10841.8VA Datasheet HTML 11Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 7 of 11
Rev 1.0 Jul.6, 2004
Typical Performance Characteristics
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Output Voltage vs. Temperature
0.00.5
1.01.5
2.02.5
3.03.5
4.04.5
5.0
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
1.45
1.50
Output Current(A)
0
25
50
75
100
125
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
T
J(
oC)
0
25
50
75
100
125
2.47
2.48
2.49
2.50
2.51
2.52
2.53
T
J(
oC)
Figure 6. Line Regulation vs. Temperature
01
23
45
20
25
30
35
40
45
50
55
60
65
70
75
80
Output Current (A)
Figure 7. Adjust Pin Current vs. Output Current


Similar Part No. - CP10841.8VA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP108 CENTRAL-CP108 Datasheet
214Kb / 2P
   Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP108-1N5819-CT CENTRAL-CP108-1N5819-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
465Kb / 9P
   P-Channel JFET Die
R1 17-January 2018
CP108-CRSH2-4-CT CENTRAL-CP108-CRSH2-4-CT Datasheet
530Kb / 9P
   PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CP10841.8VA

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_15 Datasheet
68Kb / 1P
   5A Low-Dropout Linear Regulator
logo
Eorex Corporation
EP1084 EOREX-EP1084_15 Datasheet
284Kb / 8P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX_07 Datasheet
342Kb / 9P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_07 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com