Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP11175.0-B Datasheet(PDF) 11 Page - Ceramate Technical

Part # CP11175.0-B
Description  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP11175.0-B Datasheet(HTML) 11 Page - Ceramate Technical

Back Button CP11175.0-B Datasheet HTML 4Page - Ceramate Technical CP11175.0-B Datasheet HTML 5Page - Ceramate Technical CP11175.0-B Datasheet HTML 6Page - Ceramate Technical CP11175.0-B Datasheet HTML 7Page - Ceramate Technical CP11175.0-B Datasheet HTML 8Page - Ceramate Technical CP11175.0-B Datasheet HTML 9Page - Ceramate Technical CP11175.0-B Datasheet HTML 10Page - Ceramate Technical CP11175.0-B Datasheet HTML 11Page - Ceramate Technical CP11175.0-B Datasheet HTML 12Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CP1117
Low Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 11 of 12
Rev 1.4 Apr.29, 2005
Mechanical Dimensions
SOT - 223
6.50±0.20
4.00±1.00
2.30±0.10
0.71±0.10
12°
±2°
±2°
11°
0.30±0.05
0.25
R0.15±0.05
R0.15±0.05
±3°
±2°
12°
12°
±2°
Unit: mm


Similar Part No. - CP11175.0-B

ManufacturerPart #DatasheetDescription
logo
CUI INC
CP110 CUI-CP110 Datasheet
1Mb / 7P
   PELTIER MODULE
logo
List of Unclassifed Man...
CP1100 ETC-CP1100 Datasheet
315Kb / 3P
   Transhield CP1000 Series
CP1100A ETC-CP1100A Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
Jiangsu High diode Semi...
CP1100SC HDSEMI-CP1100SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
logo
Power-One
CP1101-7R POWER-ONE-CP1101-7R Datasheet
72Kb / 5P
   120...195 Watt DC-DC Converters
More results

Similar Description - CP11175.0-B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com