Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP3800T Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP3800T
Description  Switching Regulator Power Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP3800T Datasheet(HTML) 5 Page - Ceramate Technical

  CP3800T Datasheet HTML 1Page - Ceramate Technical CP3800T Datasheet HTML 2Page - Ceramate Technical CP3800T Datasheet HTML 3Page - Ceramate Technical CP3800T Datasheet HTML 4Page - Ceramate Technical CP3800T Datasheet HTML 5Page - Ceramate Technical CP3800T Datasheet HTML 6Page - Ceramate Technical CP3800T Datasheet HTML 7Page - Ceramate Technical CP3800T Datasheet HTML 8Page - Ceramate Technical CP3800T Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Pin voltage
V
BR
R
B= 390Ω
0.10 0.19 0.25
V
Input off condition
I
OFF
-20
--
0
μ
A
Input on condition
I
ON
--
--
-45
μ
A
Output current
Setting section/
Control section
Pin current range
I
BR
--
-1.8
--
-0.1 mA
Stand-by current
I
CCS
BR/CTL pin open or
V
CC
--
--
1
μ
A
Entire device
Average supply current
I
CC
R
B= 390,VCC =2~12V
--
5.5
10.0 mA
Timing Chart
CP3800
Switching Regulator Power Controller
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
5 of 19
Rev 1.0 Mar.31,2003
t S
t PE
ON
OFF
FB pin voltage
Reference input for short circuit
detection comparator
Idle period setting voltage
Sawtooth wave output
Soft start setting voltage
OUT pin waveforms
SCP pin waveforms
Power supply control SW
Soft start
Output
short
circuit
Output short circuit
Short circuit
detection


Similar Part No. - CP3800T

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
CP3800SC HDSEMI-CP3800SC Datasheet
1Mb / 5P
   SMB Plastic-Encapsulate Diodes
More results

Similar Description - CP3800T

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5180 GMT-G5180 Datasheet
336Kb / 9P
   Switching Regulator Power Controller
G5180 GMT-G5180_15 Datasheet
105Kb / 1P
   Switching Regulator Power Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com