Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP103G Datasheet(PDF) 1 Page - Ceramate Technical

Part # CP103G
Description  Dual OP Amp And Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103G Datasheet(HTML) 1 Page - Ceramate Technical

  CP103G Datasheet HTML 1Page - Ceramate Technical CP103G Datasheet HTML 2Page - Ceramate Technical CP103G Datasheet HTML 3Page - Ceramate Technical CP103G Datasheet HTML 4Page - Ceramate Technical CP103G Datasheet HTML 5Page - Ceramate Technical CP103G Datasheet HTML 6Page - Ceramate Technical CP103G Datasheet HTML 7Page - Ceramate Technical CP103G Datasheet HTML 8Page - Ceramate Technical CP103G Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 9
Rev 1.1 Oct. 28,2004
General Description
The CP103 is a monolithic IC specifically designed
to regulate the output current and voltage levels of
switching battery chargers and power supplies.
The device contains two Op Amps and a 2.5V preci-
sion shunt voltage reference. Op Amp 1 is designed for
voltage control with its non-inverting input internally
connects to the output of the shunt regulator. Op Amp
2 is for current control with both inputs uncommitted.
The IC offers the power converter designer a control
solution that features increased precision with a corre-
sponding reduction in system complexity and cost.
The CP103 is available in standard packages of DIP-
8 and SOP-8.
Features
Op Amp
·
Input Offset Voltage: 0.5mV
·
Supply Current: 75
µA per Op Amp at 5.0V Sup-
ply Voltage
·
Unity Gain Bandwidth: 1MHz
·
Output Voltage Swing: 0 to (VCC - 1.5) V
·
Power Supply Range: 3 to 36V
Voltage Reference
·
Fixed Output Voltage Reference: 2.5V
·
Voltage Tolerance:
± 0.5%, ± 1%
·
Sink Current Capability from 0.05 to 80mA
·
Typical Output Impedance: 0.2
Applications
·
Battery Charger
·
Switching Power Supply
Figure 1. Package Types of
CP103
SOP-8
DIP-8


Similar Part No. - CP103G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
logo
List of Unclassifed Man...
CP1030A ETC-CP1030A Datasheet
315Kb / 3P
   Transhield CP1000 Series
More results

Similar Description - CP103G

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com