Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP103 Datasheet(PDF) 6 Page - Ceramate Technical

Part # CP103
Description  Dual OP Amp And Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP103 Datasheet(HTML) 6 Page - Ceramate Technical

  CP103 Datasheet HTML 1Page - Ceramate Technical CP103 Datasheet HTML 2Page - Ceramate Technical CP103 Datasheet HTML 3Page - Ceramate Technical CP103 Datasheet HTML 4Page - Ceramate Technical CP103 Datasheet HTML 5Page - Ceramate Technical CP103 Datasheet HTML 6Page - Ceramate Technical CP103 Datasheet HTML 7Page - Ceramate Technical CP103 Datasheet HTML 8Page - Ceramate Technical CP103 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CP103
Dual OP Amp And Voltage Reference
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 6 of 9
Rev 1.1 Oct. 28,2004
-40
-20
0
20406080
100
120
0
5
10
15
20
25
30
Ambient Temperature (
oC)
Figure 6. Input Bias Current vs. Ambient Temperature
0
2
4
6
8
101214
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L=2K
R
L=20K
Figure 7. Op Amp Voltage Gain
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA=VREF
T
A=25
0C
-40
-20
0
2040
6080
100
120
2.480
2.485
2.490
2.495
2.500
2.505
2.510
Ambient Temperature (
oC)
Typical Performance Characteristics
Figure 5. Cathode Current vs. Cathode Voltage
Figure 4. Reference Voltage vs. Ambient Temperature


Similar Part No. - CP103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP1030 ETC-CP1030 Datasheet
315Kb / 3P
   Transhield CP1000 Series
logo
CUI INC
CP103033 CUI-CP103033 Datasheet
757Kb / 6P
   PELTIER MODULE
CP1030336 CUI-CP1030336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
CP103040336 CUI-CP103040336 Datasheet
1Mb / 8P
   PELTIER MODULE
11/09/2020
logo
List of Unclassifed Man...
CP1030A ETC-CP1030A Datasheet
315Kb / 3P
   Transhield CP1000 Series
More results

Similar Description - CP103

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4300 BCDSEMI-AP4300_06 Datasheet
159Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4310 BCDSEMI-AP4310_06 Datasheet
140Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4300 BCDSEMI-AP4300 Datasheet
148Kb / 12P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310E DIODES-AP4310E Datasheet
402Kb / 9P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
   DUAL OP AMP AND VOLTAGE REFERENCE
AP4301 BCDSEMI-AP4301_06 Datasheet
160Kb / 13P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Diodes Incorporated
AP4310A DIODES-AP4310A Datasheet
506Kb / 8P
   DUAL OP AMP AND VOLTAGE REFERENCE
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
   Dual op AMP and voltage reference
logo
SeCoS Halbleitertechnol...
SPW8103S SECOS-SPW8103S Datasheet
749Kb / 4P
   Dual OP-AMP and 2.5V 0.7% Voltage Reference
logo
BCD Semiconductor Manuf...
AP4302 BCDSEMI-AP4302 Datasheet
154Kb / 12P
   QUAD OP AMP AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com