Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0690280660 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0690280660
Description  Drag Spring
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0690280660 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0690280660 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/12/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0690280660
Status:
Active
Overview:
Application Tooling
Description:
Drag Spring
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
207126
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic, Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Overview
Application Tooling
Product Name
Mini-Mac
Taxonomy
Applicators and Crimp Modules
Tool Type
Applicator
UPC
800753916814
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Physical
Net Weight
0.320/g
Material Info
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/71/2019 (16 July
2019)
Halogen-Free
Status
Not Relevant
For more information, please visit Contact US
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
207126 Series
Use With
690281493
This document was generated on 09/12/2022
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0690280660

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0690280406 MOLEX-0690280406 Datasheet
41Kb / 1P
   Combination Anvil, for Insulation and Conductor
08/25/2022
0690280413 MOLEX-0690280413 Datasheet
44Kb / 1P
   Conductor Punch
08/25/2022
More results

Similar Description - 0690280660

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69028-0660 MOLEX11-69028-0660 Datasheet
42Kb / 1P
   Drag Spring
logo
Hamamatsu Corporation
B749 HAMAMATSU-B749_15 Datasheet
278Kb / 3P
   Photon drag detector
B749 HAMAMATSU-B749 Datasheet
105Kb / 2P
   Photon drag detector
logo
Huber+Suhner, Inc.
12-___FSN_ZN_YZ-___130 HUBERSUHNER-12-___FSN_ZN_YZ-___130 Datasheet
210Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU
12-___FSN_ZN_YR-___130 HUBERSUHNER-12-___FSN_ZN_YR-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm RADOX
12-___FSN_ZN_YU-___130 HUBERSUHNER-12-___FSN_ZN_YU-___130 Datasheet
211Kb / 2P
   Drag Chain 12x0.9mm Tight Tube Ø 13.0mm TPU-FR
logo
Mill-Max Mfg. Corp.
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
   Spring-Loaded Insulated Spring Pin Spring-Loaded Header
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
List of Unclassifed Man...
SSA-50 ETC2-SSA-50 Datasheet
358Kb / 1P
   SPRING ANCHORS
logo
Molex Electronics Ltd.
PS-105386-001 MOLEX-PS-105386-001 Datasheet
185Kb / 4P
   RF SPRING
2015/03/09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com