Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP257 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CP257
Description  Small Signal Transistor NPN - High Voltage Darlington Transistor Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP257 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CP257 Datasheet HTML 1Page - Central Semiconductor Corp CP257 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Central
Semiconductor Corp.
TM
PROCESS
CP257
Small Signal Transistor
NPN - High Voltage Darlington Transistor Chip
PRINCIPAL DEVICE TYPES
MPSA28
MPSA29
CMPTA29
GEOMETRY
PROCESS DETAILS
BACKSIDE COLLECTOR
R3 (21-September 2003)
Process
EPITAXIAL PLANAR
Die Size
20 x 20 MILS
Die Thickness
8.0 MILS
Base Bonding Pad Area
4.9 x 4.9 MILS
Emitter Bonding Pad Area
6.4 x 6.4 MILS
Top Side Metalization
Al - 30,000Å
Back Side Metalization
Au - 16,000Å
145 Adams Avenue
Hauppauge, NY 11788 USA
Tel: (631) 435-1110
Fax: (631) 435-1824
www.centralsemi.com
GROSS DIE PER 4 INCH WAFER
28,250


Similar Part No. - CP257

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP250 CENTRAL-CP250 Datasheet
650Kb / 2P
   NPN - High Voltage Transistor Chip
logo
Pan Jit International I...
CP2500 PANJIT-CP2500 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
logo
Lineage Power Corporati...
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
logo
Pan Jit International I...
CP2501 PANJIT-CP2501 Datasheet
68Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes)
More results

Similar Description - CP257

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP323 CENTRAL-CP323 Datasheet
215Kb / 2P
   Small Signal Transistor NPN - Darlington Transistor Chip
CP327V CENTRAL-CP327V Datasheet
653Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP307 CENTRAL-CP307_10 Datasheet
402Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP307 CENTRAL-CP307 Datasheet
212Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP329V CENTRAL-CP329V Datasheet
42Kb / 1P
   Small Signal Transistor NPN- Silicon Darlington Transistor Chip
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP336V CENTRAL-CP336V Datasheet
731Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP310 CENTRAL-CP310_10 Datasheet
481Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
CP310 CENTRAL-CP310 Datasheet
219Kb / 2P
   Small Signal Transistor NPN - High Voltage Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com