Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC5003DGLP Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CC5003DGLP
Description  ISOLATED RESISTOR NETWORK
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CC5003DGLP Datasheet(HTML) 1 Page - California Micro Devices Corp

  CC5003DGLP Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
NDC
ISOLATED RESISTOR NETWORK
California Micro Devices’ resistor arrays are the hybrid equivalent to the isolated resistor networks available in surface
mount packages. The resistors are spaced on ten mil centers resulting in reduced real estate. These chips are
manufactured using advanced thin film processing techniques and are 100% electrically tested and visually inspected.
Formats
Die Size: 90±3 x 60±3 mils
Bonding Pads: 5x7 mils typical
R1
R4
R2
R5
R7
R3
R6
R8
60
90
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
R
T
C
E
L
E
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
T
R
C
5
2
1
+
o
t
C
°
5
5
-C
°/
m
p
p
0
0
1
±x
a
M
e
g
a
tl
o
V
g
n
it
a
r
e
p
5
2
1
+
o
t
C
°
5
5
-c
d
V
0
5x
a
M
)r
o
t
si
s
e
r
r
e
p
(
g
n
it
a
R
r
e
w
o
P
)
C
°
0
5
1
@
o
r
e
z
o
t
y
lr
a
e
n
il
e
t
a
r
e
D
(
C
°
0
7
@w
m
0
5x
a
M
k
c
o
h
S
l
a
m
r
e
h
TF
2
0
2
-
D
T
S
-
L
I
M
7
0
1
d
o
h
t
e
M@
%
5
2
.
0
±
∆R
x
a
M
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
Ht
n
e
i
b
m
A
C
°
0
5
1
@
s
r
H
0
0
1%
5
2
.
0
±
∆R
x
a
M
e
c
n
a
t
si
s
e
R
e
r
u
t
si
o
MF
2
0
2
-
D
T
S
-
L
I
M
6
0
1
d
o
h
t
e
M%
5
.
0
±
∆R
x
a
M
e
fi
L
)r
h
0
0
0
1
/
C
°
5
2
1
(
F
2
0
2
-
D
T
S
-
L
I
M
8
0
1
d
o
h
t
e
M%
5
.
0
±
∆R
x
a
M
e
si
o
N
F
2
0
2
-
D
T
S
-
L
I
M
8
0
3
d
o
h
t
e
MB
d
5
3
-x
a
M
k
0
5
2
B
d
0
3
-x
a
M
d
a
o
lr
e
v
O
e
m
i
T
tr
o
h
S1
0
4
3
8
-
R
-
L
I
M%
5
2
.
0x
a
M
e
c
n
a
t
si
s
e
R
n
o
it
a
l
u
s
n
IC
°
5
2
@0
1
X
1
2
1
n
i
M
S
E
U
L
A
V
0
0
1
m
o
rf
s
r
o
t
si
s
e
r
8
6
4
3
o
t
S
N
O
I
T
A
C
I
F
I
C
E
P
S
L
A
C
I
N
A
H
C
E
M
e
t
a
rt
s
b
u
Sk
c
i
h
t
sl
i
m
2
±
0
1
n
o
c
il
i
S
r
e
y
a
L
n
o
it
a
l
o
sIn
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
2
O
i
S
g
n
i
k
c
a
B)l
a
n
o
it
p
o
d
l
o
g
(
d
e
p
p
a
L
n
o
it
a
z
il
a
t
e
Mn
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
m
u
n
i
m
u
l
A
)l
a
n
o
it
p
o
d
l
o
g
Å
0
0
0
,
5
1
(
n
o
it
a
v
is
s
a
Pe
d
ir
ti
n
n
o
c
il
i
S
G
N
I
G
A
K
C
A
P
.
m
u
m
i
x
a
m
s
p
i
h
c
6
9
1
f
o
s
y
a
rt
e
r
a
u
q
s
h
c
n
i
o
w
T
S
E
T
O
N
.r
e
h
t
o
n
a
o
t
e
u
l
a
v
e
n
o
m
o
rf
y
r
a
v
y
a
m
n
r
e
tt
a
p
r
o
t
si
s
e
R
.
1
N
O
I
T
A
N
G
I
S
E
D
R
E
B
M
U
N
T
R
A
PN
C
C3
0
0
5F
A
G
W
P
s
e
ir
e
Se
u
l
a
V
s
ti
g
i
d
3
t
s
ri
F
e
r
a
t
n
a
c
if
i
n
g
is
t
s
a
L
.
e
u
l
a
v
ti
g
i
d
s
t
n
e
s
e
r
p
e
r
f
o
r
e
b
m
u
n
R
.
s
e
o
r
e
z
s
e
t
a
c
i
d
n
i
.t
n
i
o
p
l
a
m
i
c
e
d
e
c
n
a
r
e
l
o
T
%
5
.
0
±
=
D
%
1
±
=
F
%
2
±
=
G
%
5
±
=
J
%
0
1
±
=
K
%
0
2
±
=
M
R
C
T
m
p
p
0
0
1
±
=
r
e
tt
e
L
o
N
%
0
5
±
=
A
%
5
2
±
=
B
s
d
a
P
d
n
o
B
d
l
o
G
=
G
m
u
n
i
m
u
l
A
=
r
e
tt
e
L
o
N
g
n
i
k
c
a
B
d
l
o
G
=
W
d
e
p
p
a
L
=
L
r
e
h
ti
E
=
r
e
tt
e
L
o
N
e
c
n
a
r
e
l
o
T
o
it
a
R
%
1
±
=
r
e
tt
e
L
o
N
%
5
.
0
±
=
P
C0820400


Similar Part No. - CC5003DGLP

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
CC50 RHOPOINT-CC50 Datasheet
304Kb / 2P
   Replaces 1 and 2 watt carbon composition resistors
logo
CoolCox Limited All rig...
CC5010 COOLCOX-CC5010 Datasheet
366Kb / 1P
   DC Axial Fan 50x50x10mm
CC5010H05D COOLCOX-CC5010H05D Datasheet
366Kb / 1P
   DC Axial Fan 50x50x10mm
CC5010H05S COOLCOX-CC5010H05S Datasheet
366Kb / 1P
   DC Axial Fan 50x50x10mm
CC5010H05SH COOLCOX-CC5010H05SH Datasheet
366Kb / 1P
   DC Axial Fan 50x50x10mm
More results

Similar Description - CC5003DGLP

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN100 CALMIRCO-PRN100 Datasheet
126Kb / 4P
   Isolated Resistor Termination Network
logo
Bourns Electronic Solut...
4308S-L BOURNS-4308S-L Datasheet
30Kb / 2P
   Resistor Network
4310T-L BOURNS-4310T-L Datasheet
30Kb / 2P
   Resistor Network
4816T-L BOURNS-4816T-L Datasheet
29Kb / 2P
   Resistor Network
4304K-L BOURNS-4304K-L Datasheet
30Kb / 2P
   Resistor Network
4306T-L BOURNS-4306T-L Datasheet
30Kb / 2P
   Resistor Network
4308T-L BOURNS-4308T-L Datasheet
30Kb / 2P
   Resistor Network
4310S-L BOURNS-4310S-L Datasheet
30Kb / 2P
   Resistor Network
4304S-L BOURNS-4304S-L Datasheet
36Kb / 2P
   Resistor Network
4820T-L BOURNS-4820T-L Datasheet
29Kb / 2P
   Resistor Network
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com