Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMST6427E Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CMST6427E
Description  ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMST6427E Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMST6427E Datasheet HTML 1Page - Central Semiconductor Corp CMST6427E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMST6427E
ENHANCED SPECIFICATION
SURFACE MOUNT
NPN SILICON
DARLINGTON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VBE(SAT)
IC=500mA, IB=0.5mA
2.00
V
VBE(ON)
VCE=5.0V, IC=50mA
1.75
V
hFE
VCE=5.0V, IC=10mA
15K
100K
hFE
VCE=5.0V, IC=100mA
25K
200K
hFE
VCE=5.0V, IC=500mA
15K
140K
fT
VCE=5.0V, IC=10mA, f=100MHz
200
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
7.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
pF
NF
VCE=5.0V, IC=1.0mA, RS=100kΩ,
f=1.0kHz to 15.7kHz
10
dB
♦ Enhanced specification
LEAD CODE:
1) Base
2) Emitter
3) Collector
MARKING CODE: C46
SOT-323 CASE - MECHANICAL OUTLINE
www.centr a lsemi.com
R1 (9-February 2010)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn