Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPTA14E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA14E
Description  ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA14E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA14E Datasheet HTML 1Page - Central Semiconductor Corp CMPTA14E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA14E
ENHANCED SPECIFICATION
SURFACE MOUNT NPN
SILICON DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA14E is an
Enhanced version of the CMPTA14 NPN Darlington
Transistor. This device is manufactured by the epitaxial
planar process, epoxy molded in a surface mount
SOT-23 package, designed for applications requiring
extremely high gain.
MARKING CODE: C1NE
FEATURED ENHANCED SPECIFICATIONS:
BVCBO from 30V min to 40V min.
VCE(SAT) from 1.5V max to 1.0V max.
h
FE from 10K min to 30K min.
♦ Enhanced specification
♦♦ Additional Enhanced specification
♦♦
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCES
40
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=40V
100
nA
IEBO
VEB=10V
100
nA
BVCES
IC=100µA
40
60
V
VCE(SAT)
IC=100mA, IB=0.1mA
0.75
1.0
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
30,000
70,000
hFE
VCE=5.0V, IC=100mA
40,000
75,000
hFE
VCE=5.0V, IC=500mA
10,000
35,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
SOT-23 CASE
R5 (1-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA14E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA14E CENTRAL-CMPTA14E Datasheet
327Kb / 2P
   SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CMPTA14E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMST6427E CENTRAL-CMST6427E_10 Datasheet
411Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON DARLINGTON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E_10 Datasheet
524Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN DARLINGTON SILICON TRANSISTOR
CMLT6427E CENTRAL-CMLT6427E Datasheet
65Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR
CMST6427E CENTRAL-CMST6427E Datasheet
93Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
CZT5551E CENTRAL-CZT5551E Datasheet
152Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CXT5551E CENTRAL-CXT5551E Datasheet
127Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE Datasheet
142Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT491E CENTRAL-CMPT491E_10 Datasheet
397Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT2222AE CENTRAL-CMPT2222AE_10 Datasheet
336Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT5551E CENTRAL-CMUT5551E Datasheet
144Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com