Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMMR1-02 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMMR1-02
Description  SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1.0 AMP, 200 THRU 1000 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMMR1-02 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMMR1-02 Datasheet HTML 1Page - Central Semiconductor Corp CMMR1-02 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMMR1 CMMR1
CMMR1 CMMR1
SYMBOL
-02
-04
-06
-10
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
1000
V
DC Blocking Voltage
VR
200
400
600
1000
V
RMS Reverse Voltage
VR(RMS)
140
280
420
700
V
Average Forward Current (TL=75°C)
IO
1.0
A
Peak Forward Surge Current (8.3ms)
IFSM
30
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Typical Thermal resistance
ΘJA
65
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VF
IF=1.0A
1.1
V
IR
VR=Rated VRRM
10
μA
IR
VR=Rated VRRM, TA=125°C
50
μA
CJ
VR=4.0V, f=1.0MHz
4.0
pF
CMMR1 SERIES
SURFACE MOUNT
GENERAL PURPOSE
SILICON RECTIFIER
1.0 AMP, 200 THRU 1000 VOLTS
SOD-123F CASE
Central
Semiconductor Corp.
TM
R1 (25-October 2005)
DESCRIPTION:
The Central Semiconductor CMMR1 Series of
High Current Density Rectifiers, in a SOD-123F
surface mount package are designed for all types
of
commercial,
industrial
computer
and
automotive applications.
MARKING CODES:
CMMR1-02:
C02F
CMMR1-04:
C04F
CMMR1-06:
C06F
CMMR1-10:
C10F


Similar Part No. - CMMR1-02

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMMR1-02 CENTRAL-CMMR1-02 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
More results

Similar Description - CMMR1-02

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1 CENTRAL-CMMR1_10 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1-02 CENTRAL-CMR1-02_10 Datasheet
295Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
1N4383 CENTRAL-1N4383 Datasheet
60Kb / 1P
   1.0 AMP RECTIFIER 200 THRU 1000 VOLTS
CMR1-02M CENTRAL-CMR1-02M Datasheet
86Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
CMR1-02 CENTRAL-CMR1-02 Datasheet
190Kb / 2P
   GENERAL PURPOSE RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS
1N3611 CENTRAL-1N3611 Datasheet
112Kb / 2P
   GLASS PASSIVATED GENERAL PURPOSE SILICON RECTIFIERS 1.0 AMP, 200 THRU 1000 VOLTS
CLLRH CENTRAL-CLLRH_10 Datasheet
301Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIER 0.5 AMP, 200 THRU 600 VOLTS
CMR3-02 CENTRAL-CMR3-02_11 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
CMR1F-02M CENTRAL-CMR1F-02M_10 Datasheet
284Kb / 2P
   SURFACE MOUNT FAST RECOVERY SILICON RECTIFIER 1 AMP, 200 THRU 1000 VOLTS
CMR1U-01M CENTRAL-CMR1U-01M_1 Datasheet
144Kb / 2P
   SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 1.0 AMP, 100 THRU 1000 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com