Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4151 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 1N4151
Description  High-speed diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1N4151 Datasheet(HTML) 2 Page - NXP Semiconductors

  1N4151 Datasheet HTML 1Page - NXP Semiconductors 1N4151 Datasheet HTML 2Page - NXP Semiconductors 1N4151 Datasheet HTML 3Page - NXP Semiconductors 1N4151 Datasheet HTML 4Page - NXP Semiconductors 1N4151 Datasheet HTML 5Page - NXP Semiconductors 1N4151 Datasheet HTML 6Page - NXP Semiconductors 1N4151 Datasheet HTML 7Page - NXP Semiconductors 1N4151 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Jun 01
2
Philips Semiconductors
Product specification
High-speed diodes
1N4150; 1N4151
FEATURES
• Hermetically sealed leaded glass
SOD27 (DO-35) package
• High switching speed: max. 4 ns
• General application
• Continuous reverse voltage:
max. 50 V
• Repetitive peak reverse voltage:
max. 75 V
• Repetitive peak forward current:
max. 600 mA and 450 mA
respectively.
APPLICATIONS
• High-speed switching
• 1N4150: general purpose use in
computer and industrial
applications
• 1N4151: military and industrial
applications.
DESCRIPTION
The 1N4150 and 1N4151 are high-speed switching diodes fabricated in planar
technology, and encapsulated in hermetically sealed leaded glass SOD27
(DO-35) packages.
Fig.1 Simplified outline (SOD27; DO-35) and symbol.
The marking band indicates the cathode.
handbook, halfpage
MAM246
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on an FR4 printed-circuit board; lead length 10 mm.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
75
V
VR
continuous reverse voltage
50
V
IF
continuous forward current
see Fig.2; note 1
1N4150
300
mA
1N4151
200
mA
IFRM
repetitive peak forward current
1N4150
600
mA
1N4151
450
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
4A
t=1ms
1A
t=1s
0.5
A
Ptot
total power dissipation
Tamb =25 °C; note 1
500
mW
Tstg
storage temperature
−65
+200
°C
Tj
junction temperature
200
°C


Similar Part No. - 1N4151

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
1N4151 DSK-1N4151 Datasheet
309Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4151 VISHAY-1N4151 Datasheet
39Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 2, 01-Apr-99
logo
Diotec Semiconductor
1N4151 DIOTEC-1N4151 Datasheet
171Kb / 2P
   Silicon Planar Diodes
logo
Micro Commercial Compon...
1N4151 MCC-1N4151 Datasheet
391Kb / 4P
   500mW Silicon Switching Diode
logo
Jinan Jing Heng Electro...
1N4151 JINGHENG-1N4151 Datasheet
65Kb / 3P
   Small Signal Switching Diodes
More results

Similar Description - 1N4151

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com