Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMD4M32M2VE Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part No. HMD4M32M2VE
Description  16Mbyte(4Mx32) DRAM SIMM EDO MODE, 4K Refresh, 3.3V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M32M2VE Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  HMD4M32M2VE Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HANBit
HMD4M32M2VE
URL:www.hbe.co.kr
H ANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
3
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
Voltage on Any Pin Relative to Vss
VIN ,OUT
-0.5V to 6.5V
Voltage on Vcc Supply Relative to Vss
Vcc
-0.5V to 4.6V
Power Dissipation
PD
2W
Storage Temperature
TSTG
-55oC to 150oC
Short Circuit Output Current
IOS
50mA
w Permanent device damage may occur if " Absolute Maximum Ratings" are exceeded. Functional operation should be
restricted to the conditions as detailed in the operational sections of this data sheet.
Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
( Voltage reference to VSS, TA=0 to 70
o C )
PARAMETER
SYMBOL
MIN
TYP.
MAX
UNIT
Supply Voltage
Vcc
3.0
3.3
3.6
V
Ground
Vss
0
0
0
V
Input High Voltage
VIH
2.0
-
+5.5
V
Input Low Voltage
VIL
-0.3
-
0.8
V
DC AND OPERATING CHARACTERISTICS
SYMBOL
SPEED
MIN
MAX
UNITS
-5
-
220
mA
ICC1
-6
-
200
mA
ICC2
-
4
mA
-5
-
220
mA
ICC3
-6
-
200
mA
-5
-
220
mA
ICC4
-6
-
200
mA
ICC5
-
600
mA
-5
-
220
mA
ICC6
-6
-
200
mA
Il(L)
-10
10
µA
IO(L)
-10
10
µA
VOH
2.4
-
V
VOL
-
0.4
V
ICC1 : Operating Current * (/RAS , /CAS , Address cycling @tRC=min.)
ICC2 : Standby Current ( /RAS=/CAS=VIH )


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn