Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HMD4M32M2VE Datasheet(PDF) 6 Page - Hanbit Electronics Co.,Ltd

Part No. HMD4M32M2VE
Description  16Mbyte(4Mx32) DRAM SIMM EDO MODE, 4K Refresh, 3.3V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD4M32M2VE Datasheet(HTML) 6 Page - Hanbit Electronics Co.,Ltd

  HMD4M32M2VE Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD4M32M2VE Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HANBit
HMD4M32M2VE
URL:www.hbe.co.kr
H ANBit Electronics Co.,Ltd.
REV.1.0 (August.2002)
6
TIMING DIAGRAM
Please refer to attached timing diagram chart (I)
PACKAGING INFORMATION
SIMM Design
ORDERING INFORMATION
Part Number
Density
Org.
Package
Refresh
Cycle
Vcc
SPEED
HMD4M32M2VEG-5
16MByte
4MX 32bit
72 Pin-SIMM
4,096 Cycles
64ms Ref.
3.3V
50ns
HMD4M32M2VEG-6
16MByte
4MX 32bit
72 Pin-SIMM
4,096 Cycles
64ms Ref.
3.3V
60ns
10.16 mm
107.95 mm
95.25 mm
6.35 mm
R1.57
±1.0 mm
6.35
2.00
19.00
6.35 mm
101.19 mm
R1.57 mm
3.18
±0.51
3.38 mm
MAX
5.08
1.27
±0.08 mm
0.25 mm MAX
MIN
2.54 mm
1.27
Gold : 1.04
±10 mm


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn