Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMD1M4Z1 Datasheet(PDF) 1 Page - Hanbit Electronics Co.,Ltd

Part # HMD1M4Z1
Description  4Mbit(1Mx4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

HMD1M4Z1 Datasheet(HTML) 1 Page - Hanbit Electronics Co.,Ltd

  HMD1M4Z1 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd HMD1M4Z1 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd HMD1M4Z1 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd HMD1M4Z1 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd HMD1M4Z1 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd HMD1M4Z1 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HANBit
HMD1M4Z1
URL:www.hbe.co.kr
HANBit Electronics Co.,Ltd.
REV.1.0(August.2002)
1
PIN ASSIGNMENT
DESCRIPTION
The HMD1M4Z1 is an 1M x 4 bits Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of
memory cells
within the same row. Power supply voltage (+5V ), access time (-5, -6), power consumption(Normal or Low power), and package
type (ZIP)
are optional features of this Module. The HMD1M4Z1 have CAS-before-RAS refresh, RAS-only refresh and Hidden
refresh capabilities.
The HMD1M4Z1 is optimized for application to the systems, which are required high density and large capacity such as main
memory for main frames and mini computers, personal computer and high performance microprocessor systems.
The HMD1M4Z1 provides common data and outputs.
Features
w Fast Page Mode operation
w CAS-before-RAS refresh capability
w RAS-only and Hidden refresh capability
w Fast parallel test mode capability
w TTL(5V) compatible inputs and outputs
w Early write or output enable controlled write
w Available in 20pin ZIP packages
w Single +5V
± 10% power supply
w 1,024 Refresh Cycles/16ms
w Performance Range
PIN DESCRIPTION
PIN
SYMBOL
1
/OE
2
/CAS
3
DQ2
4
DQ3
5
VSS
6
DQ0
7
DQ1
8
/WE
9
/RAS
10
A9
11
A0
12
A1
13
A2
14
A3
15
VCC
16
A4
17
A5
18
A6
19
A7
20
A8
Speed
tRAC
tCAC
tRC
tPC
HMD1M4Z1-5
50
15
90
35
HMD1M4Z1-6
60
15
110
40
PIN
FUNCTION
PIN
FUNCTION
A0
– A9
Address Inputs
/WE
Read/Write
Enable
DQ0
DQ3
Data
Input/Output
Vcc
Power
(+5V)
/RAS
Row Address
Strobe
Vss
Ground
/CAS
Column
Address Strobe
NC
No
Connection
/OE
Data Output
Enable
4Mbit(1Mx4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
Part No.
HMD1M4Z1


Similar Part No. - HMD1M4Z1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD1M1Z1 HANBIT-HMD1M1Z1 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M1Z1-5 HANBIT-HMD1M1Z1-5 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M1Z1-6 HANBIT-HMD1M1Z1-6 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2EG-45 HANBIT-HMD1M32M2EG-45 Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results

Similar Description - HMD1M4Z1

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMD4M1Z1 HANBIT-HMD4M1Z1 Datasheet
209Kb / 6P
   4Mbit(4Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M1Z1 HANBIT-HMD1M1Z1 Datasheet
210Kb / 6P
   1Mbit(1Mx1bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD2564Z1 HANBIT-HMD2564Z1 Datasheet
211Kb / 6P
   1Mbit(256x4bit) Fast Page Mode, 1K Refresh, 20Pin ZIP, 5V Design
HMD1M32M2G HANBIT-HMD1M32M2G Datasheet
221Kb / 8P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD2M32M4EAG HANBIT-HMD2M32M4EAG Datasheet
63Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD2M32M4E HANBIT-HMD2M32M4E Datasheet
134Kb / 7P
   8Mbyte(2Mx32) EDO Mode, 1K Refresh 72Pin SIMM, 5V Design
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD4M32M2G HANBIT-HMD4M32M2G Datasheet
53Kb / 7P
   16Mbyte(4Mx32) 72-pin SIMM Fast Page Mode, 4K Refresh, 5V
HMD32M32M16G HANBIT-HMD32M32M16G Datasheet
93Kb / 7P
   128Mbyte (32Mx32) 72-pin Fast Page Mode 4K Ref. SIMM Design 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com