Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOM44S6V1G Datasheet(PDF) 5 Page - Hanbit Electronics Co.,Ltd

Part # DOM44S6V1G
Description  44Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM44S6V1G Datasheet(HTML) 5 Page - Hanbit Electronics Co.,Ltd

  DOM44S6V1G Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM44S6V1G Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
HANBit
HFDOM44S6Vxxx
URL:www.hbe.co.kr
5 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (April, 2005)
Signal Descriptions
Table 2.2 Signal Descriptions
Signal Name
Dir.
Pin
Description
A[2:0]
I
33,35,36
In True IDE Mode only A[2:0] are used to select the one of eight registers in
the Task File, the remaining address lines should be grounded by the host.
-PDIAG
I/O
34
This input / output is the Pass Diagnostic signal in the Master / Slave
handshake protocol.
-DASP
I/O
39
In the True IDE Mode, this input/output is the Disk Active/Slave
Present signal in the Master/Slave handshake protocol.
-CS0, -CS1
I
37,38
CS0 is the chip select for the task file registers while CS2 is used to select
the Alternate Status Register and the Device Control Register.
D[15:00]
I/O
3,4,5,6,
7,8,9,10,
11,12,13,
14,15,16,
17,18
All Task File operations occur in byte mode on the low order bus D00-D07
while all data transfers are 16 bit using D00-D15.
GND
--
2,19,22,
24,26,
30,40,43
Ground.
-IOR
I
25
This is an I/O Read strobe generated by the host.
-IOW
I
23
The I/O Write strobe pulse is used to clock I/O data on the Card Data bus
into the Storage Card controller registers when the Storage Card is
configured to use the I/O interface. The clocking will occur on the negative to
positive edge of the signal (trailing edge).
IRQ
O
31
In True IDE Mode signal is the active high Interrupt Request to the host.
-RESET
I
1
This input pin is the active low hardware reset from the host.
IORDY
O
27
This output signal may be used as IORDY.
-IOIS16
O
32
This output signal is asserted low when this device is expecting a word data
transfer cycle.
VCC
Power
41,42
Power


Similar Part No. - DOM44S6V1G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM44S6R1.5G HANBIT-DOM44S6R1.5G Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
DOM44S6R128 HANBIT-DOM44S6R128 Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
DOM44S6R1G HANBIT-DOM44S6R1G Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
DOM44S6R256 HANBIT-DOM44S6R256 Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
DOM44S6R2G HANBIT-DOM44S6R2G Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
More results

Similar Description - DOM44S6V1G

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM44S6RXXX HANBIT-HFDOM44S6RXXX Datasheet
293Kb / 30P
   44Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM44S3RXXX HANBIT-HFDOM44S3RXXX Datasheet
295Kb / 30P
   44Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM44S3VXXX HANBIT-HFDOM44S3VXXX Datasheet
289Kb / 29P
   44Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM-44LX HANBIT-HFDOM-44LX Datasheet
117Kb / 10P
   44Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40S3VXXX HANBIT-HFDOM40S3VXXX Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM44MVXXX HANBIT-HFDOM44MVXXX Datasheet
180Kb / 13P
   44Pin Disk On Module Min.16MB ~ Max.1.5GB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com