Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMLT5088E Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLT5088E
Description  ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT5088E Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLT5088E Datasheet HTML 1Page - Central Semiconductor Corp CMLT5088E Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMLT5078E, CMLT5087E, and CMLT5088E,
are Silicon transistors in a PICOmini™ surface
mount package with enhanced specifications
designed for applications requiring high gain and
low noise.
MAXIMUM RATINGS: (TA=25oC)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
o
C
Thermal Resistance
ΘJA
357
o
C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25oC unless otherwise noted)
TYP
SYMBOL
TEST CONDITIONS
MIN
NPN
PNP
MAX
UNITS
ICBO
VCB=20V
50
nA
IEBO
VEB=3.0V
50
nA
BVCBO
IC=100µA
50
135
150
V
BVCEO
IC=1.0mA
50
65
105
V
BVEBO
IE=100µA
5.0
8.7
7.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
45
50
100
mV
VCE(SAT)
IC=100mA, IB=10mA
110
225
400
mV
VBE(SAT)
IC=10mA, IB=1.0mA
700
700
800
mV
hFE
VCE=5.0V, IC=0.1mA
300
430
390
900
hFE
VCE=5.0V, IC=1.0mA
300
435
380
hFE
VCE=5.0V, IC=10mA
300
430
350
hFE
VCE=5.0V, IC=100mA
50
125
75
fT
VCE=5.0V, IC=500µA, f=20MHz
100
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
15
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
350
1400
NF
VCE=5.0V, IC=100µA, RS=10kΩ f=10Hz to 15.7kHz
3.0
dB
CMLT5078E NPN/PNP
CMLT5087E PNP/PNP
CMLT5088E NPN/NPN
ENHANCED SPECIFICATION
PICOmini™ SURFACE MOUNT
SILICON DUAL TRANSISTORS
SOT-563 CASE
Central
Semiconductor Corp.
TM
R2 (13-November 2002)
MARKING CODE & CONFIGURATION:
CMLT5078E: DUAL, COMPLEMENTARY: L78
CMLT5087E: DUAL, PNP: L87
CMLT5088E: DUAL, NPN: L88
Enhanced specification.
♦♦ Additional Enhanced specification.
♦♦
♦♦


Similar Part No. - CMLT5088E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT5088E CENTRAL-CMLT5088E Datasheet
525Kb / 2P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT5088E CENTRAL-CMLT5088E Datasheet
450Kb / 3P
   SURFACE MOUNT SILICON DUAL TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM_15 Datasheet
616Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
More results

Similar Description - CMLT5088E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLT3904E CENTRAL-CMLT3904E Datasheet
110Kb / 2P
   ENHANCED SPECIFICATION COMPLEMENTARY PICOmini SILICON TRANSISTORS
CMLT6427E CENTRAL-CMLT6427E Datasheet
65Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT, PICOmini SILICON NPN DARLINGTON TRANSISTOR
CMLT2207 CENTRAL-CMLT2207 Datasheet
98Kb / 2P
   SURFACE MOUNT PICOmini DUAL,COMPLEMENTARY SILICON TRANSISTORS
CMPT5087E CENTRAL-CMPT5087E_10 Datasheet
335Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMUT5087E CENTRAL-CMUT5087E_10 Datasheet
355Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E Datasheet
336Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMPT3904E CENTRAL-CMPT3904E_10 Datasheet
336Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CET3904E CENTRAL-CET3904E_10 Datasheet
370Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMLT3904E CENTRAL-CMLT3904E_10 Datasheet
523Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
CMBT3904E CENTRAL-CMBT3904E_10 Datasheet
358Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com