Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMLT2222A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CMLT2222A
Description  SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLT2222A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLT2222A Datasheet HTML 1Page - Central Semiconductor Corp CMLT2222A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOT-563 CASE - MECHANICAL OUTLINE
CMLT2222A
SURFACE MOUNT
PICOminiTM
DUAL NPN SMALL SIGNAL
SILICON SWITCHING TRANSISTORS
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
R1 (13-November 2002)
ELECTRICAL CHARACTERISTICS PER TRANSISTOR CONTINUED: (TA=25
OC unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
fT
VCE=20V, IC=20mA, f=100MHz
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
8.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
25
pF
hie
VCE=10V, IC=1.0mA, f=1.0kHz
2.0
8.0
k
hie
VCE=10V, IC=10mA, f=1.0kHz
0.25
1.25
k
hre
VCE=10V, IC=1.0mA, f=1.0kHz
8.0
x10-4
hre
VCE=10V, IC=10mA, f=1.0kHz
4.0
x10-4
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
300
hfe
VCE=10V, IC=10mA, f=1.0kHz
75
375
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
5.0
35
µmhos
hoe
VCE=10V, IC=10mA, f=1.0kHz
25
200
µmhos
rb'Cc
VCB=10V, IE=20mA, f=31.8MHz
150
ps
NF
VCE=10V, IC=100mA, RS=1.0kΩ, f=1.0kHz
4.0
dB
td
VCC=30V, VBE=0.5, IC=150mA, IB1=15mA
10
ns
tr
VCC=30V, VBE=0.5, IC=150mA, IB1=15mA
25
ns
ts
VCC=30V, IC=150mA, IB1=IB2=15mA
225
ns
tf
VCC=30V, IC=150mA, IB1=IB2=15mA
60
ns
LEAD CODE:
1) EMITTER Q1
2) BASE Q1
3) COLLECTOR Q2
4) EMITTER Q2
5) BASE Q2
6) COLLECTOR Q1
MARKING CODE: L22


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn