Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMKZ5221B Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. CMKZ5221B
Description  SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMKZ5221B Datasheet(HTML) 2 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMKZ5221B THRU CMKZ5261B
SURFACE MOUNT ULTRAmini™
TRIPLE ISOLATED
SILICON ZENER DIODE
5% TOLERANCE
R0 (6-October 2004)
SOT-363 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX.
TEMP.
COEFF.
MARK.
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µA
VOLTS
% /°C
CMKZ5240B
9.500
10
10.50
20
17
600
0.25
3.0
8.0
+0.075
8QCT
CMKZ5241B
10.45
11
11.55
20
22
600
0.25
2.0
8.4
+0.076
8RCT
CMKZ5242B
11.40
12
12.60
20
30
600
0.25
1.0
9.1
+0.077
8SCT
CMKZ5243B
12.35
13
13.65
9.5
13
600
0.25
0.5
9.9
+0.079
8TCT
CMKZ5244B
13.30
14
14.70
9.0
15
600
0.25
0.1
10
+0.082
8UCT
CMKZ5245B
14.25
15
15.75
8.5
16
600
0.25
0.1
11
+0.082
8VCT
CMKZ5246B
15.20
16
16.80
7.8
17
600
0.25
0.1
12
+0.083
8WCT
CMKZ5247B
16.15
17
17.85
7.4
19
600
0.25
0.1
13
+0.084
8XCT
CMKZ5248B
17.10
18
18.90
7.0
21
600
0.25
0.1
14
+0.085
8YCT
CMKZ5249B
18.05
19
19.95
6.6
23
600
0.25
0.1
14
+0.086
8ZCT
CMKZ5250B
19.00
20
21.00
6.2
25
600
0.25
0.1
15
+0.086
1A8T
CMKZ5251B
20.90
22
23.10
5.6
29
600
0.25
0.1
17
+0.087
1B8T
CMkZ5252B
22.80
24
25.20
5.2
33
600
0.25
0.1
18
+0.088
1C8T
CMKZ5253B
23.75
25
26.25
5.0
35
600
0.25
0.1
19
+0.089
1D8T
CMKZ5254B
25.65
27
28.35
4.6
41
600
0.25
0.1
21
+0.090
1E8T
CMKZ5255B
26.60
28
29.40
4.5
44
600
0.25
0.1
21
+0.091
1F8T
CMKZ5256B
28.50
30
31.60
4.2
49
600
0.25
0.1
23
+0.091
1G8T
CMKZ5257B
31.35
33
34.65
3.8
58
700
0.25
0.1
25
+0.092
1H8T
CMKZ5258B
34.20
36
37.80
3.4
70
700
0.25
0.1
27
+0.093
1J8T
CMKZ5259B
37.05
39
40.95
3.2
80
800
0.25
0.1
30
+0.094
1K8T
CMKZ5260B
40.85
43
45.15
3.0
93
900
0.25
0.1
33
+0.095
1L8T
CMKZ5261B
44.65
47
49.35
2.7
105
1000
0.25
0.1
36
+0.095
1M8T
Lead Code
1) Anode D1
2) Anode D2
3) Anode D3
4) Cathode D3
5) Cathode D2
6) Cathode D1


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn