Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CMKZ5221B Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CMKZ5221B
Description  SURFACE MOUNT ULTRAmini TRIPLE ISOLATED SILICON ZENER DIODE 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

CMKZ5221B Datasheet(HTML) 1 Page - Central Semiconductor Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C )
SYMBOL
UNITS
Power Dissipation
PD
200
mW
Operating and Storage Temperature
TJ, Tstg
-65 to +150
°C
Thermal Reistance
ΘJA
625
°C/W
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C) VF=0.9V MAX @ IF=10mA FOR ALL TYPES.
CMKZ5221B THRU CMKZ5261B
SURFACE MOUNT ULTRAmini™
TRIPLE ISOLATED
SILICON ZENER DIODE
5% TOLERANCE
SOT-363 CASE
Central
Semiconductor Corp.
TM
R0 (6-October 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMKZ5221B
Series contains three (3) isolated Silicon Zener
Diodes packaged in an ULTRAmini™ SOT-363
surface mount case, designed for use in
industrial, commercial, entertainment and
computer applications. Higher voltage devices
are available on special order.
MARKING CODE: SEE MARKING CODES ON
ELECTRICAL CHARACTERISTICS TABLE
TYPE
ZENER VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAX.
TEMP.
COEFF.
MARK.
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZT @ IZK
IR @ VR
Θ
ΘVZ
VOLTS VOLTS VOLTS
mA
mA
µA
VOLTS
% /°C
CMKZ5221B
2.280
2.4
2.520
20
30
1200
0.25
100
1.0
-0.085
8A1T
CMKZ5222B
2.375
2.5
2.625
20
30
1250
0.25
100
1.0
-0.085
8B1T
CMKZ5223B
2.565
2.7
2.835
20
30
1300
0.25
75
1.0
-0.080
8C1T
CMKZ5224B
2.660
2.8
2.940
20
30
1400
0.25
75
1.0
-0.080
8D1T
CMKZ5225B
2.850
3.0
3.150
20
29
1600
0.25
50
1.0
-0.075
8E1T
CMKZ5226B
3.135
3.3
3.465
20
28
1600
0.25
25
1.0
-0.070
8ACT
CMKZ5227B
3.420
3.6
3.780
20
24
1700
0.25
15
1.0
-0.065
8BCT
CMKZ5228B
3.705
3.9
4.095
20
23
1900
0.25
10
1.0
-0.060
8CCT
CMKZ5229B
4.085
4.3
4.515
20
22
2000
0.25
5.0
1.0
±0.055
8DCT
CMKZ5230B
4.465
4.7
4.935
20
19
1900
0.25
5.0
2.0
±0.030
8ECT
CMKZ5231B
4.845
5.1
5.335
20
17
1600
0.25
5.0
2.0
±0.030
8FCT
CMKZ5232B
5.320
5.6
5.880
20
11
1600
0.25
5.0
3.0
+0.038
8GCT
CMKZ5233B
5.700
6.0
6.300
20
7.0
1600
0.25
5.0
3.5
+0.038
8HCT
CMKZ5234B
5.890
6.2
6.510
20
7.0
1000
0.25
3.0
4.0
+0.045
8JCT
CMKZ5235B
6.460
6.8
7.140
20
5.0
750
0.25
3.0
5.0
+0.050
8KCT
CMKZ5236B
7.125
7.5
7.875
20
6.0
500
0.25
3.0
6.0
+0.058
8LCT
CMKZ5237B
7.790
8.2
8.610
20
8.0
500
0.25
3.0
6.5
+0.062
8MCT
CMKZ5238B
8.265
8.7
9.135
20
8.0
600
0.25
3.0
6.5
+0.065
8NCT
CMKZ5239B
8.645
9.1
9.555
20
10
600
0.25
3.0
7.0
+0.068
8PCT


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn