Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRN740-1005FL Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # XRN740-1005FL
Description  Stable Extended Capability Chip Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

XRN740-1005FL Datasheet(HTML) 1 Page - California Micro Devices Corp

  XRN740-1005FL Datasheet HTML 1Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
8/9/2000
1
XRN740-XXXX
CALIFORNIA MICRO DEVICES
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
Stable Extended Capability Chip Series
California Micro Devices Hx (Stable Extended Capability
Chip) Series offer exceptional stability and low noise.
Available in the standard center tapped configuration,
C1360800
Bonding Area
Laser Code Area
Formats
Die Size: 45±3 mils square
Bonding Pads: 4x4 mils typical
1 M
Ω to 20 MΩ
they have low electro migration qualities and extremely
low TCR.
R1
R2
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
n
a
h
c
e
M
e
t
a
r
t
s
b
u
Sk
c
i
h
t
s
li
m
2
±
0
1
n
o
c
il
i
S
r
e
y
a
L
n
o
i
t
a
l
o
s
I0
i
S
2
n
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
r
o
t
s
i
s
e
Re
m
o
r
h
C
n
o
c
il
i
S
y
r
a
t
e
i
r
p
o
r
P
g
n
i
k
c
a
B)
l
a
n
o
i
t
p
o
d
l
o
g
(
d
e
p
p
a
L
s
d
a
P
d
n
o
Bn
i
m
,
k
c
i
h
t
Å
0
0
0
,
0
1
m
u
n
i
m
u
l
A
g
n
i
g
a
k
c
a
P
.
d
r
a
d
n
a
t
s
s
i
m
u
m
i
x
a
m
s
p
i
h
c
0
0
4
f
o
s
y
a
r
t
e
r
a
u
q
s
h
c
n
i
o
w
T
s
e
t
o
N
r
e
s
a
l
c
i
r
e
m
u
n
a
h
p
l
a
r
o
f
e
l
b
a
li
a
v
a
e
r
a
s
e
x
o
b
e
d
o
C
.
1
.
p
i
h
c
e
h
t
n
o
g
n
i
k
r
a
m
.
r
e
h
t
o
n
a
o
t
e
u
l
a
v
e
n
o
m
o
r
f
y
r
a
v
y
a
m
n
r
e
t
t
a
p
r
o
t
s
i
s
e
R
.
2
n
o
i
t
a
n
g
i
s
e
D
r
e
b
m
u
N
t
r
a
P
0
4
7
N
R
X5
0
0
1F
A
G
W
P
s
e
i
r
e
Se
u
l
a
V
e
c
n
a
t
s
i
s
e
Re
c
n
a
r
e
l
o
TR
C
Ts
d
a
P
d
n
o
Bg
n
i
k
c
a
Be
c
n
a
r
e
l
o
T
o
i
t
a
R
e
r
a
s
t
i
g
i
d
3
t
s
r
i
F
t
n
a
c
i
f
i
n
g
i
s
.
e
u
l
a
v
t
i
g
i
d
t
s
a
L
s
t
n
e
s
e
r
p
e
r
f
o
r
e
b
m
u
n
.
s
o
r
e
z
s
e
t
a
c
i
d
n
i
R
.
t
n
i
o
p
l
a
m
i
c
e
d
%
5
.
0
±
=
Dm
p
p
0
0
1
±
=
r
e
t
t
e
L
o
Nd
l
o
G
=
Gd
l
o
G
=
W%
1
±
=
d
t
S
%
1
±
=
Fm
p
p
0
5
±
=
A
=
r
e
t
t
e
L
o
N
m
u
n
i
m
u
l
A
d
e
p
p
a
L
=
L%
5
.
0
±
=
P
%
2
±
=
Gm
p
p
5
2
±
=
B
=
r
e
t
t
e
L
o
N
r
e
h
t
i
E
%
5
±
=
J
%
0
1
±
=
K
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
r
t
c
e
l
E
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
R
C
TC
°
5
2
1
o
t
C
°
5
5
m
p
p
0
0
1
±x
a
M
R
C
T
TC
°
5
2
1
o
t
C
°
5
5
C
°
/
m
p
p
5
±x
a
M
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
OC
°
5
2
1
o
t
C
°
5
5
c
d
V
0
0
1x
a
M
g
n
i
t
a
R
r
e
w
o
P
)
C
°
0
5
1
@
o
r
e
z
o
t
y
l
r
a
e
n
i
l
e
t
a
r
e
D
(
C
°
0
7
@w
m
5
2
1x
a
M
n
o
i
t
a
r
e
Ds
r
a
e
y
2
r
o
f
C
°
0
3%
1
.
0
±
x
a
M
k
c
o
h
S
l
a
m
r
e
h
TF
2
0
2
-
D
T
S
-
L
I
M
7
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
Ht
n
e
i
b
m
A
C
°
0
5
1
@
s
r
H
0
0
1%
5
1
.
0
±x
a
M
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
MF
2
0
2
-
D
T
S
-
L
I
M
6
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
f
i
L
)
r
h
0
0
0
1
/
C
°
5
2
1
(
F
2
0
2
-
D
T
S
-
L
I
M
8
0
1
d
o
h
t
e
M%
2
.
0
±
∆Rx
a
M
e
s
i
o
N
K
0
5
2
o
t
p
u
F
2
0
2
-
D
T
S
-
L
I
M
8
0
3
d
o
h
t
e
M
K
0
5
2
B
d
5
3
B
d
0
2
x
a
M
e
c
n
a
t
s
i
s
e
R
n
o
i
t
a
l
u
s
n
IC
°
5
2
@0
1
X
1
2
1
n
i
M
s
e
u
l
a
V
M
1
M
0
2
o
t
n
e
e
w
t
e
b
e
c
n
a
r
e
l
o
t
o
i
t
a
r
d
r
a
d
n
a
t
S
.
d
r
a
d
n
a
t
s
.
e
l
b
a
li
a
v
a
e
c
n
a
r
e
l
o
t
o
i
t
a
r
r
e
t
h
g
i
T
.
%
1
±
=
s
r
o
t
s
i
s
e
r


Similar Part No. - XRN740-1005FL

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
   Thin Film Resistor Series
XRN772-2005F CALMIRCO-XRN772-2005F Datasheet
37Kb / 1P
   Thin Film Resistor Series
XRN772-2005FA CALMIRCO-XRN772-2005FA Datasheet
37Kb / 1P
   Thin Film Resistor Series
XRN772-2005FAG CALMIRCO-XRN772-2005FAG Datasheet
37Kb / 1P
   Thin Film Resistor Series
XRN772-2005FAGL CALMIRCO-XRN772-2005FAGL Datasheet
37Kb / 1P
   Thin Film Resistor Series
More results

Similar Description - XRN740-1005FL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA0805 VISHAY-GA0805 Datasheet
156Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Automotive Applications With Extended Bending Capability
01-Jan-2023
logo
Nanjing Qinheng Microel...
CH315 WCH-CH315 Datasheet
130Kb / 5P
   USB Extended line control chip
logo
Cypress Semiconductor
CY8C29466 CYPRESS-CY8C29466_12 Datasheet
501Kb / 35P
   Automotive . Extended Temperature PSoC짰 Programmable System-on-Chip
logo
TDK Electronics
CGJ2B2C0G1H101J TDK-CGJ2B2C0G1H101J Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_13 Datasheet
521Kb / 38P
   Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip?
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
   Digital Tube Display Drive I/O Extended chip
logo
TDK Electronics
CGHJ5L2X7R1A106KTXXXX TDK-CGHJ5L2X7R1A106KTXXXX Datasheet
1Mb / 17P
   CGJ Series Extended Life Capacitors
logo
Cypress Semiconductor
CY8C29666-12PVXET CYPRESS-CY8C29666-12PVXET Datasheet
1Mb / 35P
   Automotive ??Extended Temperature PSoC짰 Programmable System-on-Chip
logo
IXYS Corporation
IXSH15N120BD1 IXYS-IXSH15N120BD1 Datasheet
56Kb / 2P
   S Series - Improved SCSOA Capability
logo
Vishay Barry
RE0805ZZ-XXXXJN-2S BARRY-RE0805ZZ-XXXXJN-2S Datasheet
168Kb / 2P
   5W AlN Chip Resistor w/ Both Mounting Pads Extended
REV.B DEC 14 2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com