Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMDZ4V7 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMDZ4V7
Description  SUPERmini ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMDZ4V7 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMDZ4V7 Datasheet HTML 1Page - Central Semiconductor Corp CMDZ4V7 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-323 CASE - MECHANICAL OUTLINE
CMDZ2V4 THRU CMDZ47V
SUPERmini
ZENER DIODE
2.4 VOLTS THRU 47 VOLTS
250mW, 5% TOLERANCE
R1 (31-October 2002)
ZENER
TEST
MAXIMUM
MAXIMUM
VOLTAGE
CURRENT
ZENER
REVERSE
MARKING
TYPE
VZ @ IZT
IMPEDANCE
CURRENT
CODE
MIN
NOM
MAX
IZT
ZZT @ IZT
IR @ VR
VOLTS
VOLTS
VOLTS
mA
µA
VOLTS
CMDZ15V
14.25
15
15.75
5.0
30
0.05
10.5
15V
CMDZ16V
15.20
16
16.80
5.0
40
0.05
11.2
16V
CMDZ18V
17.10
18
18.90
5.0
45
0.05
12.6
18V
CMDZ20V
19.00
20
21.00
5.0
55
0.05
14.0
20V
CMDZ22V
20.90
22
23.10
5.0
55
0.05
15.4
22V
CMDZ24V
22.80
24
25.20
5.0
70
0.05
16.8
24V
CMDZ27V
25.65
27
28.35
5.0
80
0.05
18.9
27V
CMDZ30V
28.50
30
31.50
5.0
80
0.05
21.0
30V
CMDZ33V
31.35
33
34.65
5.0
80
0.05
23.1
33V
CMDZ36V
34.20
36
37.80
5.0
90
0.05
25.2
36V
CMDZ39V
37.05
39
40.95
5.0
130
0.05
27.3
39V
CMDZ43V
40.85
43
45.15
5.0
150
0.05
30.1
43V
CMDZ47V
44.65
47
49.35
5.0
180
0.05
32.9
47V
ELECTRICAL CHARACTERISTICS (CONTINUED):
LEAD CODE:
1) CATHODE
2) ANODE


Similar Part No. - CMDZ4V7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ4V7 CENTRAL-CMDZ4V7 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ4V7 CENTRAL-CMDZ4V7 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - CMDZ4V7

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B Datasheet
130Kb / 2P
   SUPER-MINI ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ5221B CENTRAL-CMDZ5221B_10 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ2V4 CENTRAL-CMDZ2V4_10 Datasheet
369Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
CMDZ1L8 CENTRAL-CMDZ1L8 Datasheet
104Kb / 2P
   SUPERmini LOW LEVEL ZENER DIODE 250mW, 1.8 VOLTS THRU 47 VOLTS
CMDZ2L4 CENTRAL-CMDZ2L4 Datasheet
100Kb / 2P
   SUPERmini. LOW LEVEL ZENER DIODE 250mW, 2.4 VOLTS THRU 36 VOLTS
CMSZ5221B CENTRAL-CMSZ5221B_10 Datasheet
479Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 275mW, 2.4 THRU 47 VOLTS 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
   ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com