Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOM40S3R080 Datasheet(PDF) 3 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3R080
Description  40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3R080 Datasheet(HTML) 3 Page - Hanbit Electronics Co.,Ltd

  DOM40S3R080 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40S3R080 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
HANBit
HFDOM40S3Rxxx
URL:www.hbe.co.kr
3 / 31
HANBit Electronics Co., Ltd.
Rev. 1.0 (October, 2004)
PHYSYCAL SPECIFICATION
Top-Connector
Attach
TOP Side
Bottom Side
1
2
39
40
12 3
TOP Side
Bottom-Connector
Attach
1
2
39
40
TOP Side
Bottom Side
Bottom Side
Jumper
Master
Slave
2,3
Close
1,2
Close
55.50±0.1mm
1 23
1
2
39
40
7.50mm
8.90mm±0.1mm
1.4mm±0.1mm


Similar Part No. - DOM40S3R080

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40S3V016 HANBIT-DOM40S3V016 Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V032 HANBIT-DOM40S3V032 Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V048 HANBIT-DOM40S3V048 Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V064 HANBIT-DOM40S3V064 Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
DOM40S3V080 HANBIT-DOM40S3V080 Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
More results

Similar Description - DOM40S3R080

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40S3VXXX HANBIT-HFDOM40S3VXXX Datasheet
289Kb / 29P
   40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM44S3RXXX HANBIT-HFDOM44S3RXXX Datasheet
295Kb / 30P
   44Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
HFDOM40S6RXXX HANBIT-HFDOM40S6RXXX Datasheet
295Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.4G, True IDE Interface
HFDOM40S6VXXX HANBIT-HFDOM40S6VXXX Datasheet
357Kb / 30P
   40Pin Flash Disk Module Min.128MB ~ Max.3GB, True IDE Interface
HFDOM44S3VXXX HANBIT-HFDOM44S3VXXX Datasheet
289Kb / 29P
   44Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com