Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOM40MR256 Datasheet(PDF) 8 Page - Hanbit Electronics Co.,Ltd

Part # DOM40MR256
Description  40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40MR256 Datasheet(HTML) 8 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40MR256 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 10Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 11Page - Hanbit Electronics Co.,Ltd DOM40MR256 Datasheet HTML 12Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HANBit
HFDOM40MRxxx
URL:www.hbe.co.kr
8 / 8
HANBit Electronics Co., Ltd.
Rev. 1.0 (November. 2003)
Bit 1 This bit is 0.
Bit 0 (AMNF) This bit is set in case of a general error.
Device/Head Register
The Drive/Head register is used to select the drive and head. It is also used to select LBA addressing
instead of cylinder/head/sector addressing. The bits are defined as follows:
D7
D6
D5
D4
D3
D2
D1
D0
1
LBA
1
DRV
HS3
HS2
HS1
HS0
Bit 7: This bit is set to 1.
Bit 6: LBA is a flag to select either Cylinder/Head/Sector (CHS) or Logical Block Address Mode (LBA).
When LBA=0, Cylinder/Head/Sector mode is selected. When LBA=1, Logical Block Address is
selected. In Logical Block Mode, the Logical Block Address is interpreted as follows:
LBA7-LBA0: Sector Number Register D7-D0.
LBA15-LBA8: Cylinder Low Register D7-D0.
LBA23-LBA16: Cylinder High Register D7-D0.
LBA27-LBA24: Drive/Head Register bits HS3-HS0.
Bit 5: This bit is set to 1.
Bit 4 (DRV): DRV is the drive number. When DRV=0, drive (card) 0 is selected. When DRV=1, drive (card)
1 is selected. The CompactFlash Storage Card is set to be Card 0 or 1 using the copy field
(Drive #) of the PCMCIA Socket & Copy configuration register.
Bit 3 (HS3): When operating in the Cylinder , Head, Sector mode, this is bit 3 of the head number. It is Bit
27 in the Logical Block Address mode.
Bit 2 (HS2): When operating in the Cylinder, Head, Sector mode, this is bit 2 of the head number. It is Bit
26 in the Logical Block Address mode.
Bit 1 (HS1): When operating in the Cylinder, Head, Sector mode, this is bit 1 of the head number. It is Bit
25 in the Logical Block Address mode.
Bit 0 (HS0): When operating in the Cylinder, Head, Sector mode, this is bit 0 of the head number. It is Bit
24 in the Logical Block Address mode.
Status & Alternate Status Register
These registers return the CompactFlash Storage Card status when read by the host. Reading the Status
register does clear a pending interrupt while reading the Auxiliary Status register does not. The status bits
are described as follows:
D7
D6
D5
D4
D3
D2
D1
D0
BUSY
RDY
DWF
DSC
DRQ
CORR
0
ERR
Bit 7 (BUSY): The busy bit is set when the CompactFlash Storage Card has access to the command buffer


Similar Part No. - DOM40MR256

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
DOM40MV016 HANBIT-DOM40MV016 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV032 HANBIT-DOM40MV032 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV064 HANBIT-DOM40MV064 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV1.5G HANBIT-DOM40MV1.5G Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
DOM40MV128 HANBIT-DOM40MV128 Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
More results

Similar Description - DOM40MR256

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HFDOM40KVXXX HANBIT-HFDOM40KVXXX Datasheet
138Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44KRXXX HANBIT-HFDOM44KRXXX Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40KRXXX HANBIT-HFDOM40KRXXX Datasheet
137Kb / 30P
   40Pin Flash Disk Module Min.8MB ~ Max.1GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40B-XXXSX HANBIT-HFDOM40B-XXXSX Datasheet
126Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40C-XXXSX HANBIT-HFDOM40C-XXXSX Datasheet
109Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.512MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40P-XXXSX HANBIT-HFDOM40P-XXXSX Datasheet
128Kb / 10P
   40Pin Flash Disk Module Min.8MB ~ Max.384MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40K3R HANBIT-HFDOM40K3R Datasheet
232Kb / 30P
   40Pin Flash Disk Module Min.16MB ~ Max.4GB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM40MVXXX HANBIT-HFDOM40MVXXX Datasheet
166Kb / 13P
   40Pin Disk On Module Min.16MB ~ Max.768MB, True IDE Interface Mode, 3.3V / 5.0V Operating
HFDOM44P-XXXSX HANBIT-HFDOM44P-XXXSX Datasheet
128Kb / 11P
   44Pin Flash Disk Module Min.16MB~Max.512MB, True IDE Interface Mode, 3.3V/5.0V Operating
HFDOM40S3RXXX HANBIT-HFDOM40S3RXXX Datasheet
299Kb / 31P
   40Pin Flash Disk Module Min.16MB ~ Max.512MB, True IDE Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com