Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 14 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button IDT72V70190 Datasheet HTML 10Page - Integrated Device Technology IDT72V70190 Datasheet HTML 11Page - Integrated Device Technology IDT72V70190 Datasheet HTML 12Page - Integrated Device Technology IDT72V70190 Datasheet HTML 13Page - Integrated Device Technology IDT72V70190 Datasheet HTML 14Page - Integrated Device Technology IDT72V70190 Datasheet HTML 15Page - Integrated Device Technology IDT72V70190 Datasheet HTML 16Page - Integrated Device Technology IDT72V70190 Datasheet HTML 17Page - Integrated Device Technology IDT72V70190 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
AC ELECTRICAL CHARACTERISTICS - FRAME PULSE AND CLK
NOTE:
1. High Impedance is measured by pulling to the appropriate rail with R
L, with timing corrected to cancel time taken to discharge CL.
Symbol
Characteristics
Min.
Typ.
Max.
Units
tFPW
Frame Pulse Width (ST-BUS®, GCI)
 Bit rate = 2.048 Mb/s
26
295
ns
tFPS
Frame Pulse Setup time before CLK falling (ST-BUS® or GCI)
5

ns
tFPH
Frame Pulse Hold Time from CLK falling (ST-BUS® or GCI)
10

ns
tCP
CLK Period
Bit rate = 2.048 Mb/s
190
300
ns
tCH
CLK Pulse Width HIGH
Bit rate = 2.048 Mb/s
85
150
ns
tCL
CLK Pulse Width LOW
Bit rate = 2.048 Mb/s
85
150
ns
tr, tf
Clock Rise/Fall Time

10
ns
Symbol
Characteristics
Min.
Typ.
Max.
Unit
Test Conditions
tSIS
RX Setup Time
0

ns
tSIH
RX Hold Time
10

ns
tSOD
TX Delay – Active to Active

30
ns
C
L = 30pF

40
ns
C
L = 200pF
tDZ
TX Delay – Active to High-Z

32
ns
R
L = 1KΩ, CL = 200pF
tZD
TX Delay – High-Z to Active

32
ns
R
L = 1KΩ, CL = 200pF
tODE
Output Driver Enable (ODE) Delay

32
ns
R
L = 1KΩ, CL = 200pF
tXCD
CCO Output Delay

30
ns
C
L = 30pF

40
ns
C
L = 200pF
AC ELECTRICAL CHARACTERISTICS - SERIAL STREAMS (1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn