Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 13 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology IDT72V70190 Datasheet HTML 10Page - Integrated Device Technology IDT72V70190 Datasheet HTML 11Page - Integrated Device Technology IDT72V70190 Datasheet HTML 12Page - Integrated Device Technology IDT72V70190 Datasheet HTML 13Page - Integrated Device Technology IDT72V70190 Datasheet HTML 14Page - Integrated Device Technology IDT72V70190 Datasheet HTML 15Page - Integrated Device Technology IDT72V70190 Datasheet HTML 16Page - Integrated Device Technology IDT72V70190 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
RECOMMENDED DC OPERATING
CONDITIONS
DC ELECTRICAL CHARACTERISTICS
NOTE:
1.
Voltages are with respect to ground unless other wise stated.
NOTE:
1. Outputs Unloaded.
Test Point
Output
Pin
CL
GND
S1
RL
VCC
GND
5717 drw06
S2
Symbol
Parameter
Min.
Typ.
Max.
Units
VCC
Positive Supply
3.0
3.6
V
VIH
Input HIGH Voltage
2.0
Vcc
V
VIL
Input LOW Voltage
GND
0.8
V
TOP
OperatingTemperature
-40
+85
°C
Commercial
Symbol
Characteristics
Min.
Typ.
Max.
Units
ICC(1)
Supply Current
@ 2.048 Mb/s
710
mA
IIL
InputLeakage(inputpins)

15
µA
IBL
Input Leakage (I/O pins)

50
µA
CI
Input Pin Capacitance

10
pF
IOZ
High-impedanceLeakage

5
µA
VOH
Output HIGH Voltage
2.4

V
VOL
Output LOW Voltage

0.4
V
CO
Output Pin Capacitance

10
pF
Figure 6. Output Load
S1 is open circuit except when testing output
levels or high impedance states.
S2 is switched to VCC or GND when testing
output levels or high impedance states.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.3
5.0
V
Vi
Voltage on Digital Inputs
GND -0.3
5.5
V
IO
Current at Digital Outputs
20
mA
TS
StorageTemperature
-65
+125
°C
PD
Package Power Dissapation
1W
NOTE:
1. Exceeding these values may cause permanent damage. Functional operation under
these conditions is not implied.
ABSOLUTE MAXIMUM RATINGS(1)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn