Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70190 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V70190 Datasheet HTML 7Page - Integrated Device Technology IDT72V70190 Datasheet HTML 8Page - Integrated Device Technology IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology IDT72V70190 Datasheet HTML 10Page - Integrated Device Technology IDT72V70190 Datasheet HTML 11Page - Integrated Device Technology IDT72V70190 Datasheet HTML 12Page - Integrated Device Technology IDT72V70190 Datasheet HTML 13Page - Integrated Device Technology IDT72V70190 Datasheet HTML 14Page - Integrated Device Technology IDT72V70190 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
ST-BUS
F0i
RX Stream
5717 drw05
Bit 7
Bit 7
CLK
Bit 7
Bit 7
denotes the 3/4 point of the bit cell
offset = 0,
DLE = 0
offset = 1,
DLE = 0
offset = 0,
DLE = 1
offset = 1,
DLE = 1
GCI
F0i
Bit 0
Bit 0
CLK
Bit 0
Bit 0
denotes the 3/4 point of the bit cell
offset = 0,
DLE = 0
offset = 1,
DLE = 0
offset = 0,
DLE = 1
offset = 1,
DLE = 1
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
RX Stream
TABLE 9 — OFFSET BITS (OFn2, OFn1, OFn0, DLEn) & FRAME DELAY BITS
(FD11, FD2-0)
Figure 5. Examples for Input Offset Delay Timing
MeasurementResultfrom
Corresponding
InputStream
Frame Delay Bits
OffsetBits
Offset
FD11
FD2
FD1
FD0
OFn2
OFn1
OFn0
DLEn
No clock period shift (Default)
1000000
0
+ 0.5 clock period shift
0000000
1
+ 1.0 clock period shift
1001001
0
+ 1.5 clock period shift
0001001
1
+ 2.0 clock period shift
1010010
0
+ 2.5 clock period shift
0010010
1
+ 3.0 clock period shift
1011011
0
+ 3.5 clock period shift
0011011
1
+ 4.0 clock period shift
1100100
0
+ 4.5 clock period shift
0100100
1


Similar Part No. - IDT72V70190

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70190PFG RENESAS-IDT72V70190PFG Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
More results

Similar Description - IDT72V70190

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V8980 IDT-IDT72V8980 Datasheet
110Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8980 RENESAS-IDT72V8980 Datasheet
302Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
logo
Integrated Device Techn...
IDT72V8985 IDT-IDT72V8985 Datasheet
136Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V8985 RENESAS-IDT72V8985 Datasheet
322Kb / 15P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
AUGUST 2003
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com