Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 8 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V70190 Datasheet HTML 4Page - Integrated Device Technology IDT72V70190 Datasheet HTML 5Page - Integrated Device Technology IDT72V70190 Datasheet HTML 6Page - Integrated Device Technology IDT72V70190 Datasheet HTML 7Page - Integrated Device Technology IDT72V70190 Datasheet HTML 8Page - Integrated Device Technology IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology IDT72V70190 Datasheet HTML 10Page - Integrated Device Technology IDT72V70190 Datasheet HTML 11Page - Integrated Device Technology IDT72V70190 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
TABLE 6 — INTERFACE MODE SELECTION (IMS) REGISTER BITS
TABLE 5 — CONTROL REGISTER (CR) BITS
Read/Write Address:
01H,
Reset Value:
0000H.
Bit
Name
Description
15-10
Unused
Must be zero for normal operation.
9-5
BPD4-0
These bits carry the value to be loaded into the connection memory block whenever the memory block
(Block Programming Data)
programming feature is activated. After the MBP bit in the control register is set to 1 and the BPE bit is
set to 1, the contents of the bits BPD4-0 are loaded into bit 15 and 11 of the connection memory. Bit 10 to
bit 0 of the connection memory are set to 0.
4
BPE
A zero to one transition of this bit enables the memory block programming function. The BPE and
(Begin Block Programming
BPD4-0 bits in the IMS register have to be defined in the same write operation. Once the BPE bit is set
Enable)
HIGH, the device requires two frames to complete the block programming. After the programming function
has finished, the BPE bit returns to zero to indicate the operation is completed. When the BPE = 1, the BPE
or MBP can be set to 0 to abort to ensure proper operation. When BPE = 1, the other bit in the IMS register
must not be changed for two frames to ensure proper operation.
3
OSB
When ODE = 0 and OSB = 0, the output drivers of TX0 to TX7 are in high impedance mode. When
(Output Stand By)
ODE= 0 and OSB = 1, the output driver of TX0 to TX7 function normally. When ODE = 1, TX0 to TX7
output drivers function normally.
2
SFE
A zero to one transition in this bit starts the frame evaluation procedure. When the CFE bit in the FAR
(Start Frame Evaluation)
register changes from zero to one, the evaluation procedure stops. To start another fame evaluation
cycle, set this bit to zero for at least one frame.
1-0
Unused
Must be zero for normal operation.
15
14
13
12
11
10
9876543210
000000
BPD4 BPD3 BPD2 BPD1 BPD0
BPE
OSB
SFE
0
0
Read/Write Address:
00H.
Reset Value:
0000H.
15
14
13
12
11
10
9876543210
0000000000
MBP
MS
0
STA2
STA1
STA0
Bit
Name
Description
15-6
Unused
Must be zero for normal operation.
5
MBP
When 1, the connection memory block programming feature is ready for the programming of Connection
(Memory Block Program)
Memory high bits, bit 11 to bit 15. When 0, this feature is disabled.
4
MS
When 0, connection memory is selected for read or write operations. When 1, the data memory is selected
(Memory Select)
for read operations and connection memory is selected for write operations.
(No microprocessor write operation is allowed for the data memory).
3
Unused
Must be zero for normal operation.
2-0
STA2-0
The binary value expressed by these bits refers to the input or output data stream, which corresponds
(Stream Address Bits)
to the subsection of memory made accessible for subsequent operations. (STA2 = MSB, STA0 = LSB)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn