Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 5 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V70190 Datasheet HTML 1Page - Integrated Device Technology IDT72V70190 Datasheet HTML 2Page - Integrated Device Technology IDT72V70190 Datasheet HTML 3Page - Integrated Device Technology IDT72V70190 Datasheet HTML 4Page - Integrated Device Technology IDT72V70190 Datasheet HTML 5Page - Integrated Device Technology IDT72V70190 Datasheet HTML 6Page - Integrated Device Technology IDT72V70190 Datasheet HTML 7Page - Integrated Device Technology IDT72V70190 Datasheet HTML 8Page - Integrated Device Technology IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
measurementcyclestarted.
In ST-BUS® mode, the falling edge of the frame measurement signal (FE)
isevaluatedagainstthefallingedgeoftheST-BUS® framepulse.InGCImode,
therisingedgeofFEisevaluatedagainsttherisingedgeoftheGCIframepulse.
See Table 7 and Figure 4 for the description of the frame alignment register.
MEMORY BLOCK PROGRAMMING
TheIDT72V70190providesuserswiththecapabilityofinitializingtheentire
connectionmemoryblockintwoframes.Tosetbits11to15ofeveryconnection
memorylocation,firstprogramthedesiredpatterninbits5to9oftheIMSregister.
The block programming mode is enabled by setting the memory block
program (MBP) bit of the control register high. When the block programming
enable (BPE) bit of the IMS register is set to high, the block programming data
will be loaded into the bits 11 to 15 of every connection memory location. The
other connection memory bits (bit 0 to bit 10) are loaded with zeros. When the
memory block programming is complete, the device resets the BPE bit to zero.
LOOPBACK CONTROL
Theloopbackcontrol(LPBK)bitofeachconnectionmemorylocationallows
the TX output data to be looped backed internally to the RX input for diagnostic
purposes.
If the LPBK bit is high, the associated TX output channel data is internally
looped back to the RX input channel (i.e., data from TX n channel m routes to
the RX n channel m internally); if the LPBK bit is low, the loopback feature is
disabled. For proper per-channel loopback operation, the contents of frame
delay offset registers must be set to zero.
DELAY THROUGH THE IDT72V70190
Theswitchingofinformationfromtheinputserialstreamstotheoutputserial
streams results in a throughput delay. The device can be programmed to
performtime-slotinterchangefunctionswithdifferentthroughputdelaycapabili-
tiesontheper-channelbasis.Forvoiceapplications,variablethroughputdelay
isbestasitensuresminimumdelaybetweeninputandoutputdata.Inwideband
dataapplications,constantthroughputdelayisbestastheframeintegrityofthe
information is maintained through the switch.
The delay through the device varies according to the type of throughput
delay selected in the
V/C bit of the connection memory.
VARIABLE DELAY MODE (
V/C BIT = 0)
In this mode, the delay is dependent only on the combination of source and
destination channels and is independent of input and output streams. The
minimum delay achievable in the IDT72V70190 is three time-slots. If the input
channeldataisswitchedtothesameoutputchannel(channeln,framep),itwill
beoutputinthefollowingframe(channeln,framep+1).Thesameistrueifinput
channel n is switched to output channel n+1 or n+2. If the input channel n is
switched to output channel n+3, n+4,..., the new output data will appear in the
same frame. Table 1 shows the possible delays for the IDT72V70190 in the
variable delay mode.
CONSTANT DELAY MODE (
V/C BIT = 1)
In this mode, frame integrity is maintained in all switching configurations by
making use of a multiple data memory buffer. Input channel data is written into
the data memory buffers during frame n will be read out during frame n+2. In
the IDT72V70190, the minimum throughput delay achievable in the constant
delaymodewillbeoneframe.Forexample,wheninputtime-slot31isswitched
tooutputtime-slot0.Themaximumdelayof94time-slotsofdelayoccurswhen
time-slot 0 in a frame is switched to time-slot 31 in the frame. See Table 2.
MICROPROCESSOR INTERFACE
The IDT72V70190 provides a parallel microprocessor interface for multi-
plexed or non-multiplexed bus structures. This interface is compatible with
Motorola non-multiplexed and multiplexed buses.
If the IM pin is low a Motorola non-multiplexed bus should be connected to
the device. If the IM pin is high, the device monitors the AS/ALE and DS/
RD to
determine what mode the IDT72V70190 should operate in.
If DS/
RD is low at the rising edge of AS/ALE, then the mode 1 multiplexed
timing is selected. If DS/
RDishighattherisingedgeofAS/ALE,thenthemode
2 multiplexed bus timing is selected.
For multiplexed operation, the required signals are the 8-bit data and
address (AD0-AD7), 8-bit Data (D8-D15), Address strobe/Address latch
enable (AS/ ALE), Data strobe/Read (DS/
RD),Read/Write/Write(R/W/WR),
Chip select (
CS) and Data transfer acknowledge (DTA). See Figure 11 and
Figure 12 for multiplexed parallel microport timing.
For the Motorola non-multiplexed bus, the required signals are the 16-bit
data bus (AD0-AD7, D8-D15), 8-bit address bus (A0-A7) and 4 control lines
(
CS, DS, R/W andDTA). See Figure 13 and 14 for Motorola non-multiplexed
microporttiming.
The IDT72V70190 microport provides access to the internal registers,
connectionanddatamemories.Alllocationsprovideread/writeaccessexcept
for the data memory and the frame alignment register which are read only.
MEMORY MAPPING
The address bus on the microprocessor interface selects the internal
registers and memories of the IDT72V70190.
If the A7 address input is low, then A6 through A0 are used to address the
interfacemodeselection(IMS),control(CR),framealignment(FAR)andframe
input offset (FOR) registers (Table 4). If the A7 is high, A6 and A5 are low, then
A4 through A0 are used to select 32 locations corresponding to data rate of the
ST-BUS®. The address input lines and the stream address bits (STA) of the
control register allow access to the entire data and connection memories. The
control and IMS registers together control all the major functions of the device,
see Figure 3.
As explained in the Serial Data Interface Timing and Switching Configura-
tionssections,aftersystempower-up,theIMSregistershouldbeprogrammed
immediatelytoestablishthedesiredswitchingconfiguration.
The data in the control register consists of the memory block programming
bit (MBP), the memory select bit (MS) and the stream address bits (STA). As
explained in the Memory Block Programming section, the MBP bit allows the
entire connection memory block to be programmed. The memory select bit is
used to designate the connection memory or the data Memory. The stream
addressbitsselectinternalmemorysubsectionscorrespondingtoinputoroutput
serialstreams.
The data in the IMS register consists of block programming bits (BPD0-
BPD4),blockprogrammingenablebit(BPE),outputstandbybit(OSB)andstart
frameevaluationbit(SFE).Theblockprogrammingandtheblockprogramming
enablebitsallowsuserstoprogramtheentireconnectionmemory(seeMemory
BlockProgrammingsection).IftheODEpinislow,theOSBbitenables(ifhigh)
ordisables(iflow)allST-BUS®outputdrivers.IftheODEpinishigh,thecontents
of the OSB bit is ignored and all TX output drivers are enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70840 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70210 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8981 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn