Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V70190 Datasheet HTML 1Page - Integrated Device Technology IDT72V70190 Datasheet HTML 2Page - Integrated Device Technology IDT72V70190 Datasheet HTML 3Page - Integrated Device Technology IDT72V70190 Datasheet HTML 4Page - Integrated Device Technology IDT72V70190 Datasheet HTML 5Page - Integrated Device Technology IDT72V70190 Datasheet HTML 6Page - Integrated Device Technology IDT72V70190 Datasheet HTML 7Page - Integrated Device Technology IDT72V70190 Datasheet HTML 8Page - Integrated Device Technology IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
PIN DESCRIPTION
SYMBOL
NAME
I/O
DESCRIPTION
GND
Ground.
Ground Rail.
Vcc
Vcc
+3.3 Volt Power Supply.
TX0-7
TX Output 0 to 7
O
Serial data output stream. These streams have a data rate of 2.048 Mb/s.
(Three-state Outputs)
RX0-7
RX Input 0 to 7
I
Serial data input stream. These streams have a data rate of 2.048 Mb/s.
F0i
Frame Pulse
I
This input accepts and automatically identifies frame synchronization signals formatted according to ST-BUS®
and GCI specifications.
FE
Frame Evaluation
I
This pin is the frame measurement input.
CLK
Clock
I
Serial clock for shifting data in/out on the serial streams (RX/TX 0-7). This input accepts a 4.096 MHz clock.
RESET
Device Reset
I
This input (active LOW) puts the IDT72V70190 in its reset state that clears the device internal counters, registers
(Schmitt Trigger Input)
and brings TX0-7 and microport data outputs to a high-impedance state. The time constant for a power up
reset circuit must be a minimum of five times the rise time of the power supply. In normal operation, the
RESET
pin must be held LOW for a minimum of 100ns to reset the device.
A0-7
Address 0-7
I
When non-multiplexed CPU bus operation is selected, these lines provide the A0-A7 address lines to the internal
memories.
DS/
RD
Data Strobe/Read
I
For Motorola multiplexed bus operation, this input is DS. This active HIGH DS input works in conjunction with
CS to enable the read and write operations. For Motorola non-multiplexed CPU bus operation, this input is DS.
This active LOW input works in conjunction with
CS to enable the read and write operations. For Intel multiplexed
bus operation, this input is
RD. This active LOW input sets the data bus lines (AD0-7, D8-15) as outputs.
R/
W / WR Read/Write / Write
I
In the cases of Motorola non-multiplexed and multiplexed bus operations, this input is R/
W. This input controls
the direction of the data bus lines (AD0-7, D8-15) during a microprocessor access. For Intel multiplexed bus
operation, this input is
WR. This active LOW input is used with RD to control the data bus (AD0-7) lines as inputs.
CS
Chip Select
I
Active LOW input used by a microprocessor to activate the microprocessor port of IDT72V70190.
AS/ALE
Address Strobe or
I
This input is used if multiplexed bus operation is selected via the IM input pin. For Motorola non-multiplexed
Latch Enable
bus operation, connect this pin to ground.
IM
CPU Interface Mode
I
When IM is HIGH, the microprocessor port is in the multiplexed mode. When IM is LOW, the microprocessor
port is in non-multiplexed mode.
AD0-7
Address/Data Bus 0 to 7 I/O
These pins are the eight least significant data bits of the microprocessor port. In multiplexed mode, these pins
are also the input address bits of the microprocessor port.
D8-15
Data Bus 8-15
I/O
These pins are the eight most significant data bits of the microprocessor port.
DTA
Data Transfer
O
This active LOW output signal indicates that a data bus transfer is complete. When the bus cycle ends, this pin
Acknowledgment
drives HIGH and then goes high-impedance, allowing for faster bus cycles with a weaker pull-up resistor. A
pull-up resistor is required to hold a HIGH level when the pin is in high-impedance.
CCO
Control Output
O
This is a 4.096 Mb/s output containing 512 bits per frame respectively. The level of each bit is determined by
the CCO bit in the connection memory. See External Drive Control Section.
ODE
Output Drive Enable
I
This is the output enable control for the TX0 to TX7 serial outputs. When ODE input is LOW and the OSB
bit of the IMS register is LOW, TX0-7 are in a high-impedance state. If this input is HIGH, the TX0-7
output drivers are enabled. However, each channel may still be put into a high-impedance state by using the
per channel control bit in the connection memory.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn