Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 20 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button IDT72V70190 Datasheet HTML 12Page - Integrated Device Technology IDT72V70190 Datasheet HTML 13Page - Integrated Device Technology IDT72V70190 Datasheet HTML 14Page - Integrated Device Technology IDT72V70190 Datasheet HTML 15Page - Integrated Device Technology IDT72V70190 Datasheet HTML 16Page - Integrated Device Technology IDT72V70190 Datasheet HTML 17Page - Integrated Device Technology IDT72V70190 Datasheet HTML 18Page - Integrated Device Technology IDT72V70190 Datasheet HTML 19Page - Integrated Device Technology IDT72V70190 Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
CORPORATE HEADQUARTER
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
408-330-1753
Santa Clara, CA 95054
fax: 408-492-8674
email:TELECOMhelp@idt.com
www.idt.com
5717 drw15
XXXXXX
IDT
Device Type
X
Package
Process/
Temperature
Range
XX
BLANK
Commercial (-40
°C to +85°C)
72V70190
256 x 256
 3.3V Time Slot Interchange Digital Switch
PF
TF
Thin Plastic Quad Flatpack (TQFP, PN64-1)
Small Thin Quad Flat Pack (STQFP, PP64-1)
ORDERING INFORMATION
DATASHEET DOCUMENT HISTORY
5/02/2000
pg.1
1/03/2001
pgs. 4, 5, 9, 10, 13, 15, 16, 17, 18 and 19.
1/25/2001
pgs. 13 and 18.
08/06/2001
pg. 1
03/24/2003
pg 1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn