Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V70190 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V70190
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70190 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V70190 Datasheet HTML 1Page - Integrated Device Technology IDT72V70190 Datasheet HTML 2Page - Integrated Device Technology IDT72V70190 Datasheet HTML 3Page - Integrated Device Technology IDT72V70190 Datasheet HTML 4Page - Integrated Device Technology IDT72V70190 Datasheet HTML 5Page - Integrated Device Technology IDT72V70190 Datasheet HTML 6Page - Integrated Device Technology IDT72V70190 Datasheet HTML 7Page - Integrated Device Technology IDT72V70190 Datasheet HTML 8Page - Integrated Device Technology IDT72V70190 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V70190 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 256 x 256
PIN CONFIGURATIONS
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D13
D12
D11
D10
D9
D8
GND
VCC
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
GND
RX0
RX1
RX2
RX3
RX4
RX5
RX6
RX7
F0i
FE
GND
CLK
VCC
DNC
DNC
5717 drw02
NOTES:
1. DNC - Do Not Connect.
2. All I/O pins are 5V tolerant.
3. IC - Internal Connection, tie to Ground for normal operation.
TQFP 0.80 pitch, 14mm x 14mm (PN64-1, order code: PF)
STQFP 0.50 pitch, 10mm x 10mm (PP64-1, order code: TF)
TOP VIEW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V7326 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16 384 X 16 384 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70840 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70210 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8981 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn