Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VND5050AJ-E Datasheet(PDF) 5 Page - STMicroelectronics

Part No. VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Datasheet(HTML) 5 Page - STMicroelectronics

  VND5050AJ-E Datasheet HTML 1Page - STMicroelectronics VND5050AJ-E Datasheet HTML 2Page - STMicroelectronics VND5050AJ-E Datasheet HTML 3Page - STMicroelectronics VND5050AJ-E Datasheet HTML 4Page - STMicroelectronics VND5050AJ-E Datasheet HTML 5Page - STMicroelectronics VND5050AJ-E Datasheet HTML 6Page - STMicroelectronics VND5050AJ-E Datasheet HTML 7Page - STMicroelectronics VND5050AJ-E Datasheet HTML 8Page - STMicroelectronics VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Electrical specifications
5/26
2.2
Thermal Data
Symbol
Parameter
Value
Unit
PowerSSO-12
PowerSSO-24
2.3
Electrical Characteristics
8V<VCC<36V; -40°C<Tj<150°C, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Table 3.
Thermal Data
Rthj-case
Thermal resistance junction-case (Max.)
(with one channel ON)
2.7
2.7
°C/W
Rthj-amb
Thermal resistance junction-ambient (Max.)
See Figure 26
See Figure 30
°C/W
Table 4.
Power section
VCC
Operating supply voltage
4.5
13
36
V
VUSD
Undervoltage shutdown
3.5
4.5
V
VUSDhyst
Undervoltage shut-down
hysteresis
0.5
V
RON
On state resistance(2)
IOUT=2A; Tj=25°C
IOUT=2A; Tj=150°C
IOUT=2A; VCC=5V; Tj=25°C
50
100
65
m
m
m
Vclamp
Clamp Voltage
IS=20mA
414652
V
IS
Supply current
Off State; VCC=13V; Tj=25°C;
VIN=VOUT=VSENSE=VCSD=0V
On State; VCC=13V; VIN=5V; IOUT=0A
2(1)
3
5(1)
6
µA
mA
IL(off)
Off state output current(2)
VIN=VOUT=0V; VCC=13V; Tj=25°C
VIN=VOUT=0V; VCC=13V; Tj=125°C
0
0
0.01
3
5
µA
VF
Output - VCC diode voltage
(2)
-IOUT=4A; Tj=150°C
0.7
V
(1) PowerMOS leakage included.
(2) For each channel
Table 5.
Switching (VCC=13V)
td(on)
Turn-on delay time
RL=6.5Ω (see Figure 6)25
µs
td(off)
Turn-off delay time
RL=6.5Ω (see Figure 6)35
µs
dVOUT/dt(on) Turn-on voltage slope
RL=6.5Ω
see Figure 19
V
/µs
dVOUT/dt(off) Turn-off voltage slope
RL=6.5Ω
see Figure 20
V
/µs
WON
Switching energy losses
during twon
RL=6.5Ω (see Figure 6)0.24
mJ
WOFF
Switching energy losses
during twoff
RL=6.5Ω (see Figure 6)0.2
mJ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn