Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VND5050AJ-E Datasheet(PDF) 3 Page - STMicroelectronics

Part No. VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Datasheet(HTML) 3 Page - STMicroelectronics

  VND5050AJ-E Datasheet HTML 1Page - STMicroelectronics VND5050AJ-E Datasheet HTML 2Page - STMicroelectronics VND5050AJ-E Datasheet HTML 3Page - STMicroelectronics VND5050AJ-E Datasheet HTML 4Page - STMicroelectronics VND5050AJ-E Datasheet HTML 5Page - STMicroelectronics VND5050AJ-E Datasheet HTML 6Page - STMicroelectronics VND5050AJ-E Datasheet HTML 7Page - STMicroelectronics VND5050AJ-E Datasheet HTML 8Page - STMicroelectronics VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Block diagram and pin description
3/26
1
Block diagram and pin description
Figure 1.
Block Diagram
Name
Function
Figure 2.
Configuration diagram (top view) & suggested connections for unused and n.c. pins
LOGIC
UNDERVOLTAGE
OVERTEMP. 1
ILIM 1
PwCLAMP 1
IOUT1
GND
INPUT1
VCC
OUTPUT1
CURRENT
SENSE1
DRIVER 1
VCC
CLAMP
VDSLIM 1
ILIM 2
PwCLAMP 2
DRIVER 2
VDSLIM 2
OVERTEMP. 2
IOUT2
OUTPUT2
CURRENT
SENSE2
CS_DIS
K 2
INPUT2
K 1
PwrLIM 1
PwrLIM 2
Table 1.
Pin Function
VCC
Battery connection
OUTPUT1,2
Power output
GND
Ground connection. Must be reverse battery protected by an external diode/resistor network
INPUT1,2
Voltage controlled input pin with hysteresis, CMOS compatible. Controls output switch state
CURRENT
SENSE1,2
Analog current sense pin, delivers a current proportional to the load current
CS_DIS
Active high CMOS compatible pin, to disable the current sense pin
Connection / Pin
Current Sense
N.C.
Output
Input
CS_DIS
Floating
N.R.
X
X
X
X
To Ground
Through 1K
Ω resistor
X
N.R.
Through 10K
Ω resistor
10K
N.R. = Not recommended
PowerSSO-12
TAB = Vcc
Vcc
OUTPUT2
OUTPUT1
OUTPUT1
Vcc
OUTPUT2
12
11
10
9
8
7
1
2
3
4
5
6
CS_DIS
GND
INPUT1
CURRENT SENSE1
INPUT2
CURRENT SENSE2
N.C.
INPUT1
GND
VCC
N.C.
INPUT2
CS_DIS.
VCC
CURRENT SENSE1
N.C.
N.C.
CURRENT SENSE2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
PowerSSO-24
TAB = VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn