Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VND5050AJ-E Datasheet(PDF) 6 Page - STMicroelectronics

Part No. VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VND5050AJ-E Datasheet HTML 2Page - STMicroelectronics VND5050AJ-E Datasheet HTML 3Page - STMicroelectronics VND5050AJ-E Datasheet HTML 4Page - STMicroelectronics VND5050AJ-E Datasheet HTML 5Page - STMicroelectronics VND5050AJ-E Datasheet HTML 6Page - STMicroelectronics VND5050AJ-E Datasheet HTML 7Page - STMicroelectronics VND5050AJ-E Datasheet HTML 8Page - STMicroelectronics VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics VND5050AJ-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical specifications
VND5050AJ-E / VND5050AK-E
6/26
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Table 6.
Logic input
VIL
Input low level voltage
0.9
V
IIL
Low level input current
VIN=0.9V
1
µA
VIH
Input high level voltage
2.1
V
IIH
High level input current
VIN=2.1V
10
µA
VI(hyst)
Input hysteresis voltage
0.25
V
VICL
Input clamp voltage
IIN=1mA
IIN=-1mA
5.5
-0.7
7V
V
VCSDL
CS_DIS low level voltage
0.9
V
ICSDL
Low level CS_DIS current
VCSD=0.9V
1
µA
VCSDH
CS_DIS high level voltage
2.1
V
ICSDH
High level CS_DIS current
VCSD=2.1V
10
µA
VCSD(hyst)
CS_DIS hysteresis voltage
0.25
V
VCSCL
CS_DIS clamp voltage
ICSD=1mA
ICSD=-1mA
5.5
-0.7
7V
V
Table 7.
Protections and Diagnostics
(1)
IlimH
DC Short circuit current
VCC=13V
5V<VCC<36V
12
18
24
24
A
A
IlimL
Short circuit current during
thermal cycling
VCC=13V TR<Tj<TTSD
7A
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
TRS + 1 TRS + 5
°C
TRS
Thermal reset of STATUS
135
°C
THYST
Thermal hysteresis (TTSD-TR)
7°C
VDEMAG
Turn-off output voltage
clamp
IOUT=2A; VIN=0; L=6mH
VCC-41 VCC-46 VCC-52
V
VON
Output voltage drop
limitation
IOUT=0.1A; Tj= -40°C...+150°C
(see Figure 7)
25
mV
(1) To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals
must be used together with a proper software strategy. If the device is subjected to abnormal conditions, this software must
limit the duration and number of activation cycles


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn