Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1409-E6DE Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1409-E6DE
Description  LCD and Camera EMI Filter Array with ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1409-E6DE Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1409-E6DE Datasheet HTML 1Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 2Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 3Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 4Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 5Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 6Page - California Micro Devices Corp CM1409-E6DE Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
06/16/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
5
CM1409
PRELIMINARY
Mechanical Details
TDFN-12 Mechanical Specifications
The CM1409-06DF/DE is supplied in an 12-lead,
0.5mm pitch TDFN package. Dimensions are pre-
sented below.
For complete information on the TDFN-12, see the Cal-
ifornia Micro Devices TDFN Package Information doc-
ument.
✝This package is compliant with JEDEC standard MO-229C with the
exception of the "D", "D2", "E", "E2", "K" and "L" dimensions as
called out in the table above.
Dimensions for 12-Lead, 0.5mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229C
Leads
12
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028 0.030 0.031
A3
0.20 REF
0.008 REF
b
0.20
0.25
0.30
0.008 0.010 0.012
D
2.90
3.00
3.10
0.114 0.118 0.122
D2
2.40
2.50
2.60
0.095 0.098 0.102
E
1.25
1.35
1.45
0.049 0.053 0.057
E2
0.35
0.40
0.45
0.014 0.016 0.018
e
0.50 BSC
0.020 BSC
K
0.20
0.008
L
0.20
0.25
0.30
0.008 0.010 0.012
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
b
L
0.10
C A B
M
8X
D2
E2
e
GND PAD
K
10
11
12
2
13
4
9
Pin 1
C0.2
56
87
Locator
TOP VIEW
D
Pin 1
Marking
4
3
2
1
9
11
12
5
8
6
10
7
A
A3
0.10 C
SIDE VIEW


Similar Part No. - CM1409-E6DE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1409-06DE ONSEMI-CM1409-06DE Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1409-08DE ONSEMI-CM1409-08DE Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
More results

Similar Description - CM1409-E6DE

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1621 CALMIRCO-CM1621 Datasheet
462Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1622 ONSEMI-CM1622 Datasheet
359Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1431 CALMIRCO-CM1431 Datasheet
411Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1630 ONSEMI-CM1630 Datasheet
844Kb / 18P
   LCD and Camera EMI Filter Array with ESD Protection
May 2010 ??Rev. 2
logo
California Micro Device...
CM1430 CALMIRCO-CM1430 Datasheet
420Kb / 9P
   LCD and Camera EMI Filter Array with ESD Protection
CM1426 CALMIRCO-CM1426 Datasheet
756Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1451 ONSEMI-CM1451 Datasheet
526Kb / 15P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1452 ONSEMI-CM1452 Datasheet
472Kb / 16P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
CM1409 ONSEMI-CM1409 Datasheet
302Kb / 13P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1431 ONSEMI-CM1431 Datasheet
449Kb / 12P
   LCD and Camera EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com