Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7301 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TH7301 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TH7301 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH7301 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
TH7301 Dual-Channel Programmable Low-Pass Filter
Operating
Characteristics
(continued)
Test levels (DC and AC Characteristics)
level 1: production tested at 25° C and over full power supply range
level 2: production tested at 25° C and VEE = -5.0 V
level 3: guaranteed by design and characterization test over full temperature and power supply range
level 4: typical value only, not confirmed by test
level 5: guaranteed by design and characterization at 25 °C and VEE = -5.0 V
Parameter
Symbol
Test level
Min.
Typ.
Max.
Unit
Conditions
Passband
Group Delay Ripple
t
pass
3
6
12
ns
10 Hz
f 0.5f
c
see note 2, 3 and figure 8
Initial Gain Accuracy
A
vacc
2
-2.5
3.0
dB
see note 4 and figures 9
and 10
Gain Step Accuracy
(monotonicity guaranteed)
A
vmon
3
- 1.0
1.0
dB
Output
Signal-to-Noise Ratio
SNR
3
37
38
dB
see note 5
Crosstalk between
Channels
Xtalk
3
40
50
dB
see note 6, 7
Gain Match between
Channels
A
vmatch
2
- 0.8
0.8
dB
Bandwidth Match between
Channels
f
cmatch
2
-10
-5
10
5
%
%
f
cset ≤ 6.375 MHz
f
cset ≥ 6.4 MHz
Passband Group Delay
Match between Channels
t
passm
3
-3
+3
ns
10 Hz
f 0.5f
c
Total Harmonic Distortion
THD
5
1.0
2.5
%
see note 8
Power Supply Rejection
PSR
4
40
dB
see note 9
Intermodulation Distortion
IMD
3
- 48
- 37
dBc
see note 10
Output Voltage
V
o
3
1.0
VPP
see note 11
Input Resistance
R
in
4
3.0
k
Input Capacitance
C
in
4
12
pF
Load Resistance
R
ld
41
k
see note 12
Load Capacitance
C
ld
4
15
pF
Notes
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.
Logic threshold levels for inputs SCLK, SDATA and SDEN. Note that this is a negative-supply device
(VEE,VSS = -5 V, VCC, VDD = 0 V). It can be also used for positive-supply systems if the input
signals are referred to VCC, VDD = +5 V and VEE,VSS = 0 V.
f
cset = 10 MHz, Av = 10 dB
passband group delay ripple for an ideal 4 pole Butterworth under the same conditions is 6ns
measured at 0.25fc
V
o = 1 VPP, measured within the filter's noise bandwidth, fcset = 10 MHz, Av = 10 dB, fin < fc
V
o = 1 VPP, for XtalkIQ I driven Q measured, XtalkQI Q driven I measured, fcset = 22.4 MHz,
A
v = 20.5 dB,
f
in = 5 MHz
f
in = 0.25fc; Vo = 1 VPP; Cld = 15 pF, Av = 10 dB
100mVPP from 10 Hz to 1 MHz on VEE,VSS referred to the output.
f
cset = 10 MHz, Av = 10 dB; tones at f1= 15 MHz and f2 = 25 MHz with 300 mVPP each
R
ld = 1 k, for linear gain and not to exceed Xtalk, THD and IMD
AC coupled or DC coupled to VEE, VSS


Similar Part No. - TH7301

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
More results

Similar Description - TH7301

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Mini-Circuits
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
   Dual Low Pass Filter
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
   Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
   Dual Low Pass Filter
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
   Dual Low Pass Filter
logo
List of Unclassifed Man...
S3529B ETC2-S3529B Datasheet
570Kb / 9P
   Programmable High Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com